Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4587 Datasheet (PDF) - Sanyo Semicon Device

LA4587 Datasheet PDF - Sanyo Semicon Device
Part # LA4587
Download  LA4587 Download
File Size   342.32 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Preamplifier Power Amplifier for 1.5 V Headphone Stereos

LA4587 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4587 Datasheet PDF - Sanyo Semicon Device

Part # LA4587
Download  LA4587 Click to download

File Size   342.32 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Preamplifier Power Amplifier for 1.5 V Headphone Stereos

LA4587 Datasheet (HTML) - Sanyo Semicon Device


LA4587 Product details

Overview
The LA4587M is a system IC that includes all of the necessary functions for a playback set on a single chip, reducing the number of external components needed.

Features
• Preamplifier has a high open-loop gain (VGO = 73 dB).
• Preamplifier requires no NF capacitor.
• Virtual ground capacitor can be 1 µF or less. (Lower impedance is achieved by having a VREF amplifier built in.)
• Ripple filter requires no capacitor for preventing oscillation.
• Powerful output is obtained in low boost output (Po = 21 mW/VCC = 1.2 V, f = 100 Hz).
• A high-frequency cutoff capacitor is built into the preamplifier and power amplifier inputs; anti-buzz provision.

Functions
• Stereo preamplifier (supports auto reverse function, switchable between metal and normal tape)
• Stereo power amplifier (OCL, mute function)
• Ripple filter
• Low boost function (BTL operation in low-frequency range)
• AMSS (Automatic Music Select System)
• Power switch




Similar Part No. - LA4587

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4580 SANYO-LA4580 Datasheet
355Kb / 8P
2-Channel Preamp Power Amp 3V Headphone Use
LA4580M SANYO-LA4580M Datasheet
355Kb / 8P
2-Channel Preamp Power Amp 3V Headphone Use
LA4581 SANYO-LA4581 Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
LA4582 SANYO-LA4582 Datasheet
143Kb / 6P
Pre Power Amplifier for 3-V Headphone Stereo Systems
More results


Similar Description - LA4587

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
Power Amplifier for 3V Headphone Stereos
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
Power Amplifier for 1.5V Headphone Stereos?
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Unisonic Technologies
A4533 UTC-A4533 Datasheet
112Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com