Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6530 Datasheet (PDF) - Sanyo Semicon Device

LA6530 Datasheet PDF - Sanyo Semicon Device
Part # LA6530
Download  LA6530 Download
File Size   70.7 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel BTL-Use Drivers

LA6530 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6530 Datasheet PDF - Sanyo Semicon Device

Part # LA6530
Download  LA6530 Click to download

File Size   70.7 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel BTL-Use Drivers

LA6530 Datasheet (HTML) - Sanyo Semicon Device


LA6530 Product details

Overview

The LA6530, 6531 are 2-channel BTL-use drivers designed for compact disc pickup actuation.



Functions and Features

• High output current (IO max=0.7A).

• Wide operating voltage range (4 to 15V),

• Low input bias current.

• LA6530 ..... Output of amps 1 to 4 at muting-ON mode : OFF

• LA6531 ..... Output of amps 1 to 4 and buffer amplifier at muting-ON mode : OFF



 




Similar Part No. - LA6530

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
2-channel Bridge Driver for CD and CD-ROMs
More results


Similar Description - LA6530

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
2-Channel BTL AF Power Amplifier
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
LA6532M SANYO-LA6532M Datasheet
77Kb / 3P
4-Channel BTL-Use Driver
LA6533 SANYO-LA6533 Datasheet
70Kb / 4P
2-Channel BTL-Use or 4-Channel Driver???
LA6534 SANYO-LA6534 Datasheet
67Kb / 3P
2-Channel BTL-Use Driver?
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
For General Audio Use 2-Channel BTL AF Power Amplifier
logo
ON Semiconductor
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
2-channel 30W BTL Audio Amplifier
May, 2013
EN6632A ONSEMI-EN6632A Datasheet
221Kb / 8P
20W 2-Channel BTL Power Amplifier
May, 2013
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
2-Channel BTL Power Amplifier
May, 2013
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
2-channel 30W BTL Audio Amplifier
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com