Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6534 Datasheet (PDF) - Sanyo Semicon Device

LA6534 Datasheet PDF - Sanyo Semicon Device
Part # LA6534
Download  LA6534 Download
File Size   67.57 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel BTL-Use Driver?

LA6534 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6534 Datasheet PDF - Sanyo Semicon Device

Part # LA6534
Download  LA6534 Click to download

File Size   67.57 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel BTL-Use Driver?

LA6534 Datasheet (HTML) - Sanyo Semicon Device


LA6534 Product details

Overview
The LA6534 is a 2-channel BTL-use driver designed for compact disc pickup actuation.

Functions and Features
• High output current (IO max=0.5A).
• Wide operating voltage range (4 to 15V).
• Low input bias current.
• High slew rate (0.8V/µs typ).
• Output of amplifiers 1 to 4 and buffer amplifier at muting-ON mode : OFF.




Similar Part No. - LA6534

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6530 SANYO-LA6530 Datasheet
70Kb / 3P
2-Channel BTL-Use Drivers
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
2-channel Bridge Driver for CD and CD-ROMs
LA6531 SANYO-LA6531 Datasheet
70Kb / 3P
2-Channel BTL-Use Drivers
LA6532 SANYO-LA6532 Datasheet
77Kb / 3P
4-Channel BTL-Use Driver
LA6532M SANYO-LA6532M Datasheet
77Kb / 3P
4-Channel BTL-Use Driver
More results


Similar Description - LA6534

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
2-channel BTL driver for CD players
BA5994FM ROHM-BA5994FM Datasheet
87Kb / 2P
4-Channel BTL driver
BA6295AFP ROHM-BA6295AFP Datasheet
75Kb / 5P
2-channel BTL driver for CD players
BA6792FP ROHM-BA6792FP Datasheet
123Kb / 7P
2-channel BTL driver for CD players
logo
Sanyo Semicon Device
LA6530 SANYO-LA6530 Datasheet
70Kb / 3P
2-Channel BTL-Use Drivers
LA6532M SANYO-LA6532M Datasheet
77Kb / 3P
4-Channel BTL-Use Driver
LA6533 SANYO-LA6533 Datasheet
70Kb / 4P
2-Channel BTL-Use or 4-Channel Driver???
logo
LSI Computer Systems
BA5824FP LSI-BA5824FP Datasheet
85Kb / 3P
4-channel BTL driver
logo
Sanyo Semicon Device
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
For General Audio Use 2-Channel BTL AF Power Amplifier
logo
Rohm
BA6396FP ROHM-BA6396FP Datasheet
419Kb / 9P
4-CHANNEL BTL DRIVER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com