Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7814 Datasheet (PDF) - Bourns Electronic Solutions

7814 Datasheet PDF - Bourns Electronic Solutions
Part # 7814
Download  7814 Download
File Size   327.15 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SMD 4 mm Square Sealed Rotary Switch

7814 Datasheet (PDF)

Go To PDF Page Download Datasheet
7814 Datasheet PDF - Bourns Electronic Solutions

Part # 7814
Download  7814 Click to download

File Size   327.15 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SMD 4 mm Square Sealed Rotary Switch

7814 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 7814

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
logo
List of Unclassifed Man...
7814 ETC2-7814 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Alpha Wire
78140 ALPHAWIRE-78140 Datasheet
408Kb / 4P
22 (19/34) AWG Tinned Copper
781401 ALPHAWIRE-781401 Datasheet
408Kb / 4P
14 (SOLID) AWG Tinned Copper
logo
Bourns Electronic Solut...
7814023 BOURNS-7814023 Datasheet
119Kb / 2P
Trimmer
More results


Similar Description - 7814

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STSS BOURNS-STSS Datasheet
215Kb / 2P
SMD 4 mm Sealed Tact Switch
7813 BOURNS-7813 Datasheet
140Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7829 BOURNS-7829 Datasheet
422Kb / 1P
6 mm Through-hole Sealed Rotary Switch
7914 BOURNS-7914 Datasheet
254Kb / 2P
4 mm SMD & Through-hole Sealed Key Switch
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
logo
Panasonic Semiconductor
EVQP6 PANASONIC-EVQP6 Datasheet
129Kb / 4P
4 mm Square SMD Light Touch Switch
logo
Bourns Electronic Solut...
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
SMD 4 mm Square Sealed Rotary Switch
7813 BOURNS-7813_12 Datasheet
171Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814J BOURNS-7814J Datasheet
299Kb / 1P
7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com