Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11975 Datasheet (PDF) - Sanyo Semicon Device

LB11975 Datasheet PDF - Sanyo Semicon Device
Part # LB11975
Download  LB11975 Download
File Size   118.8 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Speed CD-ROM Spindle Motor Driver IC

LB11975 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11975 Datasheet PDF - Sanyo Semicon Device

Part # LB11975
Download  LB11975 Click to download

File Size   118.8 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Speed CD-ROM Spindle Motor Driver IC

LB11975 Datasheet (HTML) - Sanyo Semicon Device


LB11975 Product details

Overview
The LB11975 is a monolithic bipolar IC developed for uses as a spindle motor driver for high-speed CD-ROM and DVD-ROM drives. To minimize heat generation during high-speed rotation and braking, the LB11975 adopts direct PWM drive in the output stage. During reverse braking the upper and lower side output transistors are both driven in PWM mode to implement dual PWM controlled braking. The device thus controls the current to remain under a limit value and prevent rapid heat generation. This prevents device destruction due to rapid heating. The absolute maximum voltage rating is 27 V, and the maximum current is 2.5 A.

Functions and Features
• Direct PWM drive (lower side control)
• Built-in upper and lower side output diodes
• Supports the use 3.3 V DSP devices.
• Power saving function for standby mode
• Hall FG output (1 or 3 Hall device operation)
• Built-in Hall device power supply
• Reverse rotation detection output and drive cutoff circuit
• Voltage control amplifier
• Current limiter circuit
• Thermal protection circuit




Similar Part No. - LB11975

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11970FV SANYO-LB11970FV Datasheet
70Kb / 7P
Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
logo
ON Semiconductor
LB11970RV ONSEMI-LB11970RV Datasheet
228Kb / 7P
Single-phase Full-wave Driver
May, 2013
logo
Sanyo Semicon Device
LB11972V SANYO-LB11972V Datasheet
445Kb / 7P
LB11972V
More results


Similar Description - LB11975

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16856 NEC-UPD16856 Datasheet
102Kb / 16P
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Rohm
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
CD-ROM spindle motor driver
BD6665FM ROHM-BD6665FM Datasheet
218Kb / 2P
Spindle motor driver IC for CD-ROM/RW
logo
Sanyo Semicon Device
LA6503 SANYO-LA6503 Datasheet
119Kb / 8P
CD-ROM Drive Spindle Motor Driver Sled Motor Driver Sled Motion/Position Detector IC
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1916 SANYO-LB1916 Datasheet
127Kb / 7P
CD-ROM Spindle Motor Driver
logo
Rohm
BD6669FV ROHM-BD6669FV Datasheet
213Kb / 17P
3Phase spindle motor driver for CD-ROM
logo
NEC
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
logo
Renesas Technology Corp
PD16856 RENESAS-PD16856_15 Datasheet
229Kb / 18P
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com