Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX1047A Datasheet (PDF) - Diodes Incorporated

FCX1047A Datasheet PDF - Diodes Incorporated
Part # FCX1047A
Download  FCX1047A Download
File Size   68.55 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR

FCX1047A Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX1047A Datasheet PDF - Diodes Incorporated

Part # FCX1047A
Download  FCX1047A Click to download

File Size   68.55 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR

FCX1047A Datasheet (HTML) - Diodes Incorporated


FCX1047A Product details

Features
• BVCEO > 10V
• IC = 4A High Continuous Current
• ICM = 20A Peak Pulse Current
• High Gain Holds up hFE > 300 @ IC=1A
• Low Equivalent On-Resistance; RCE(sat) = 40mΩ at 4A
• Excellent hFE Characteristics up to 20A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Emergency Lighting Circuits
• Motor Driving (including DC fans)
• Solenoid, Relay and Actuator Drivers
• DC-DC Modules
• Backlight Inverters
• Power Switches
• MOSFET Gate Drivers




Similar Part No. - FCX1047A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1047A ZETEX-FCX1047A Datasheet
51Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1047A KEXIN-FCX1047A Datasheet
52Kb / 2P
NPN Silicon Power Switching Transistor
logo
List of Unclassifed Man...
FCX1047A ETC2-FCX1047A Datasheet
68Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1047ATA ETC2-FCX1047ATA Datasheet
68Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX1047A DIODES-FCX1047A_15 Datasheet
446Kb / 7P
10V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
More results


Similar Description - FCX1047A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX619 ZETEX-FCX619_03 Datasheet
1Mb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX617 DIODES-FCX617 Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX690B DIODES-FCX690B Datasheet
96Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
MARCH 1999
FCX688BTA DIODES-FCX688BTA Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
logo
List of Unclassifed Man...
FCX617TA ETC2-FCX617TA Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1047ATA ETC2-FCX1047ATA Datasheet
68Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX617 DIODES-FCX617_15 Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B_15 Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com