Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX688BTA Datasheet (PDF) - Diodes Incorporated

FCX688BTA Datasheet PDF - Diodes Incorporated
Part # FCX688BTA
Download  FCX688BTA Download
File Size   89.52 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR

FCX688BTA Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX688BTA Datasheet PDF - Diodes Incorporated

Part # FCX688BTA
Download  FCX688BTA Click to download

File Size   89.52 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR

FCX688BTA Datasheet (HTML) - Diodes Incorporated


FCX688BTA Product details

Features
• BVCEO = 12V
• IC = 3.0A Continuous Current
• Low Saturation Voltage VCE(sat) < 40mV @ 100mA
• Complementary PNP Type: FCX789A
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/




Similar Part No. - FCX688BTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX688B ZETEX-FCX688B Datasheet
79Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX688B DIODES-FCX688B Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B_15 Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
More results


Similar Description - FCX688BTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX619 ZETEX-FCX619_03 Datasheet
1Mb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX617 DIODES-FCX617 Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX690B DIODES-FCX690B Datasheet
96Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
MARCH 1999
FCX1047A DIODES-FCX1047A Datasheet
68Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
logo
List of Unclassifed Man...
FCX617TA ETC2-FCX617TA Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1047ATA ETC2-FCX1047ATA Datasheet
68Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX617 DIODES-FCX617_15 Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B_15 Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com