Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3040PT Datasheet (PDF) - Pan Jit International Inc.

MBR3040PT Datasheet PDF - Pan Jit International Inc.
Part # MBR3040PT
Download  MBR3040PT Download
File Size   50.45 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SCHOTTKY BARRIER RECTIFIERS

MBR3040PT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3040PT Datasheet PDF - Pan Jit International Inc.

Part # MBR3040PT
Download  MBR3040PT Click to download

File Size   50.45 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SCHOTTKY BARRIER RECTIFIERS

MBR3040PT Datasheet (HTML) - Pan Jit International Inc.


MBR3040PT Product details

VOLTAGE 40 to 200 Volt CURRENT 30 Ampere

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O.
   Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• High current capability
• Guardring for overvoltage protection
• For use in low voltage, high frequency inverters
   free wheeling , and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive

MECHANICAL DATA
• Case: TO-247AD/TO-3P molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.2245 ounces, 6.3673 grams.




Similar Part No. - MBR3040PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR3040PT DIODES-MBR3040PT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
MBR3040PT DIODES-MBR3040PT Datasheet
62Kb / 3P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. 8 - 2
logo
Micro Commercial Compon...
MBR3040PT MCC-MBR3040PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Pan Jit International I...
MBR3040PT PANJIT-MBR3040PT Datasheet
41Kb / 2P
30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR3040PT BILIN-MBR3040PT Datasheet
312Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MBR3040PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com