Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3060FCT Datasheet (PDF) - Pan Jit International Inc.

MBR3060FCT Datasheet PDF - Pan Jit International Inc.
Part # MBR3060FCT
Download  MBR3060FCT Download
File Size   50.74 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SCHOTTKY BARRIER RECTIFIERS

MBR3060FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3060FCT Datasheet PDF - Pan Jit International Inc.

Part # MBR3060FCT
Download  MBR3060FCT Click to download

File Size   50.74 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SCHOTTKY BARRIER RECTIFIERS

MBR3060FCT Datasheet (HTML) - Pan Jit International Inc.


MBR3060FCT Product details

VOLTAGE 40 to 200 Volt 30 Ampere CURRENT

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O.
   Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• High current capability
• For use in low voltage,high frequency inverters
   free wheeling , and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)

MECHANICAL DATA
• Case: ITO-220AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.056 ounces, 1.6 grams.




Similar Part No. - MBR3060FCT

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
MBR3060FCT CTC-MBR3060FCT Datasheet
57Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR3060FCT MCC-MBR3060FCT Datasheet
202Kb / 3P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR3060FCT KERSEMI-MBR3060FCT Datasheet
913Kb / 2P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Compact Technology Corp...
MBR3060FCT CTC-MBR3060FCT Datasheet
187Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
MBR3060FCT FRONTIER-MBR3060FCT Datasheet
526Kb / 2P
30A SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - MBR3060FCT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com