Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT618 Datasheet (PDF) - Diodes Incorporated

FMMT618 Datasheet PDF - Diodes Incorporated
Part # FMMT618
Download  FMMT618 Download
File Size   307.8 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON POWER

FMMT618 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT618 Datasheet PDF - Diodes Incorporated

Part # FMMT618
Download  FMMT618 Click to download

File Size   307.8 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON POWER

FMMT618 Datasheet (HTML) - Diodes Incorporated


FMMT618 Product details

Features
• BVCEO > 15V
• IC = 3A high Continuous Collector Current
• ICM = 12A Peak Pulse Current
• RCE(sat) = 50mΩ for a low equivalent On-Resistance
• 625mW Power dissipation
• hFE specified up to 12A for high current gain hold up
• Complementary PNP Type: FMMT717
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC-DC / DC-AC Modules
• Regulator
• LED driver
• CCFL Backlighting Inverters




Similar Part No. - FMMT618

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT618 ZETEX-FMMT618 Datasheet
308Kb / 4P
NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Micro Commercial Compon...
FMMT618 MCC-FMMT618 Datasheet
442Kb / 4P
NPN Silicon Planar High Performance Transistor
logo
Nanjing International G...
FMMT618 DGNJDZ-FMMT618 Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results


Similar Description - FMMT618

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BC849A ZETEX-BC849A Datasheet
52Kb / 3P
SOT23 NPN SILICON PLANAR
logo
Diodes Incorporated
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT634 DIODES-FMMT634 Datasheet
115Kb / 3P
?쏶uperSOT??SOT23 NPN SILICON POWER DARLINGTON TRANSISTOR
APRIL 97
FMMT6517 DIODES-FMMT6517 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR
NOVEMBER 1995
FMMTA06 DIODES-FMMTA06 Datasheet
98Kb / 6P
SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
MAY 2004
BCW65 DIODES-BCW65 Datasheet
57Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
AUGUST 1995
FMMT449 DIODES-FMMT449_15 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
logo
Zetex Semiconductors
FMMTA06 ZETEX-FMMTA06_15 Datasheet
98Kb / 6P
SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
BC817 ZETEX-BC817_06 Datasheet
278Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com