Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT618 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT618
Description  SOT23 NPN SILICON POWER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT618 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT618 Datasheet HTML 1Page - Diodes Incorporated FMMT618 Datasheet HTML 2Page - Diodes Incorporated FMMT618 Datasheet HTML 3Page - Diodes Incorporated FMMT618 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SuperSOT
SOT23 NPN SILICON POWER
(SWITCHING) TRANSISTORS
ISSUE 3 - NOVEMBER 1995
FEATURES
* 625mW POWER DISSIPATION
*IC CONT 3A
* 12A Peak Pulse Current
* Excellent HFE Characteristics Up To 12A (pulsed)
* Extremely Low Saturation Voltage E.g. 8mV Typ.
* Extremely Low Equivalent On Resistance; RCE(sat)
DEVICE TYPE
COMPLEMENT
PARTMARKING
RCE(sat)
FMMT617
FMMT717
617
50mΩ at 3A
FMMT618
FMMT718
618
50mΩ at 2A
FMMT619
FMMT720
619
75mΩ at 2A
FMMT624
FMMT723
624
-
FMMT625
–
625
-
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FMMT
617
FMMT
618
FMMT
619
FMMT
624
FMMT
625
UNIT
Collector-Base Voltage
VCBO
15
20
50
125
150
V
Collector-Emitter Voltage
VCEO
15
20
50
125
150
V
Emitter-Base Voltage
VEBO
5
5
555
V
Peak Pulse Current**
ICM
12
6
633
A
Continuous Collector Current
IC
3
2.5
211
A
Base Current
IB
500
mA
Power Dissipation at Tamb=25°C*
Ptot
625
mW
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
* Maximum power dissipation is calculated assuming that the device is mounted on a ceramic
substrate measuring 15x15x0.6mm
**Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for these devices
C
B
E
FMMT617 FMMT618
FMMT619 FMMT624
FMMT625
3 - 149


Similar Part No. - FMMT618

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT618 ZETEX-FMMT618 Datasheet
308Kb / 4P
NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Micro Commercial Compon...
FMMT618 MCC-FMMT618 Datasheet
442Kb / 4P
NPN Silicon Planar High Performance Transistor
logo
Nanjing International G...
FMMT618 DGNJDZ-FMMT618 Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results

Similar Description - FMMT618

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BC849A ZETEX-BC849A Datasheet
52Kb / 3P
SOT23 NPN SILICON PLANAR
logo
Diodes Incorporated
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT634 DIODES-FMMT634 Datasheet
115Kb / 3P
?쏶uperSOT??SOT23 NPN SILICON POWER DARLINGTON TRANSISTOR
APRIL 97
FMMT6517 DIODES-FMMT6517 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR
NOVEMBER 1995
FMMTA06 DIODES-FMMTA06 Datasheet
98Kb / 6P
SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
MAY 2004
BCW65 DIODES-BCW65 Datasheet
57Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
AUGUST 1995
FMMT449 DIODES-FMMT449_15 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
logo
Zetex Semiconductors
FMMTA06 ZETEX-FMMTA06_15 Datasheet
98Kb / 6P
SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
BC817 ZETEX-BC817_06 Datasheet
278Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com