Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT869 Datasheet (PDF) - Diodes Incorporated

FZT869 Datasheet PDF - Diodes Incorporated
Part # FZT869
Download  FZT869 Download
File Size   39.48 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR HIGH CURRENT

FZT869 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT869 Datasheet PDF - Diodes Incorporated

Part # FZT869
Download  FZT869 Click to download

File Size   39.48 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR HIGH CURRENT

FZT869 Datasheet (HTML) - Diodes Incorporated


FZT869 Product details

Features
• BVCEO > 25V
• IC = 7A High Continuous Collector Current
• ICM = 20A Peak Pulse Current
• Very Low Saturation Voltage VCE(SAT) < 110mV @ 1A
• RCE(SAT) = 36mΩ at 5A for a Low Equivalent On-Resistance
• hFE Specified Up to 20A for a High Gain Hold Up
• PTOT = 3W
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT869

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT869 ZETEX-FZT869 Datasheet
27Kb / 2P
NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Guangdong Kexin Industr...
FZT869 KEXIN-FZT869 Datasheet
39Kb / 2P
NPN Silicon Planar High Current (High Performance) Transistor
logo
Diodes Incorporated
FZT869 DIODES-FZT869 Datasheet
39Kb / 2P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
JANUARY 1996
FZT869 DIODES-FZT869 Datasheet
454Kb / 7P
25V NPN HIGH CURRENT TRANSISTOR
Rev 4
FZT869TA DIODES-FZT869TA Datasheet
39Kb / 2P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
JANUARY 1996
More results


Similar Description - FZT869

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857_03 Datasheet
39Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
Diodes Incorporated
FZT849 DIODES-FZT849 Datasheet
72Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT
JANUARY 1996
FZT851 DIODES-FZT851 Datasheet
64Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT
OCTOBER 1995
FZT857 DIODES-FZT857 Datasheet
46Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT
AUGUST 2003
FZT951 DIODES-FZT951 Datasheet
110Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
APRIL 2000
FZT1051A DIODES-FZT1051A Datasheet
58Kb / 3P
SOT223 NPN SILICON PLANAR
FEBRUARY 1998
FZT948 DIODES-FZT948 Datasheet
227Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
NOVEMBER 1995
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
MARCH 2005
FZT869TA DIODES-FZT869TA Datasheet
39Kb / 2P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
JANUARY 1996
logo
List of Unclassifed Man...
FZT849TA ETC2-FZT849TA Datasheet
72Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com