Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2171BU Datasheet (PDF) - Micrel Semiconductor

MIC2171BU Datasheet PDF - Micrel Semiconductor
Part # MIC2171BU
Download  MIC2171BU Download
File Size   191.51 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 100kHz 2.5A Switching Regulator

MIC2171BU Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2171BU Datasheet PDF - Micrel Semiconductor

Part # MIC2171BU
Download  MIC2171BU Click to download

File Size   191.51 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 100kHz 2.5A Switching Regulator

MIC2171BU Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC2171BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171BU MICREL-MIC2171BU Datasheet
80Kb / 10P
100kHz 2.5A Switching Regulator Preliminary Information
More results


Similar Description - MIC2171BU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
Linear Technology
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171 Datasheet
80Kb / 10P
100kHz 2.5A Switching Regulator Preliminary Information
logo
NTE Electronics
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
Integrated Circuit Switching Regulator, 2.5A
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Microchip Technology
MIC2171 MICROCHIP-MIC2171 Datasheet
2Mb / 24P
100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com