Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5304 Datasheet (PDF) - Micrel Semiconductor

MIC5304 Datasheet PDF - Micrel Semiconductor
Part # MIC5304
Download  MIC5304 Download
File Size   421.75 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single 150mA Low Operating Current LDO with Dual Voltage Pin Select

MIC5304 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5304 Datasheet PDF - Micrel Semiconductor

Part # MIC5304
Download  MIC5304 Click to download

File Size   421.75 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single 150mA Low Operating Current LDO with Dual Voltage Pin Select

MIC5304 Datasheet (HTML) - Micrel Semiconductor


MIC5304 Product details

General Description
The MIC5304 is a low quiescent current, low dropout regulator with selectable output voltage designed for applications that require two levels of output voltage regulation. The MIC5304 is an ideal solution for programming memory cards as well as for conserving power in portable applications. The MIC5304 is capable of sourcing 150mA of output current while only consuming 24µA of operating current. This high performance LDO offers fast transient response while still maintaining low quiescent current levels.

Features
• 150mA output current
• Logic controlled selectable output voltage
• Fast transition time between selected output voltages
• Input voltage range: 2.3V to 5.5V
• Low 24µA operating current
• Stable with 1μF ceramic capacitors
• Low dropout voltage of 85mV @ 150mA
• Thermal shutdown and current limit protection
• Tiny 6-pin 1.6mm x 1.6mm Thin MLF® package

Applications
• Mobile phones, PDAs, PMPs, PNDs
• Digital still and video cameras
• Dual voltage levels for power saving mode
• Portable electronics




Similar Part No. - MIC5304

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
Single, 150mA 關Cap ULDO?
MIC5301-1.3YD5 MICREL-MIC5301-1.3YD5 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.3YMT MICREL-MIC5301-1.3YMT Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.5YD5 MICREL-MIC5301-1.5YD5 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.5YMT MICREL-MIC5301-1.5YMT Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
More results


Similar Description - MIC5304

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
Low Voltage 150mA LDO REGULATOR
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5326 MICREL-MIC5326 Datasheet
281Kb / 10P
150mA Low Operating Current LDO
MIC5315 MICREL-MIC5315 Datasheet
338Kb / 13P
Low Voltage Dual 300mA LDO with Voltage Select
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com