Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5326 Datasheet (PDF) - Micrel Semiconductor

MIC5326 Datasheet PDF - Micrel Semiconductor
Part # MIC5326
Download  MIC5326 Download
File Size   281.02 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low Operating Current LDO

MIC5326 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5326 Datasheet PDF - Micrel Semiconductor

Part # MIC5326
Download  MIC5326 Click to download

File Size   281.02 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 150mA Low Operating Current LDO

MIC5326 Datasheet (HTML) - Micrel Semiconductor


MIC5326 Product details

General Description
The MIC5326 is a low quiescent current, low dropout regulator designed for optimal performance in a small space. The MIC5326 is capable of sourcing 150mA of output current while only consuming 24µA of operating current. This high performance LDO offers low dropout, fast transient response, good PSRR, and low output voltage noise.

Features
• 150mA output current
• Input voltage range: 2.3V to 5.5V
• Low 24µA operating current
• Low dropout voltage of 85mV @ 150mA
• Fixed output voltage
• Stable with 1μF ceramic capacitors
• Thermal shutdown and current limit protection
• Tiny 4-pin 1.2mm x 1.6mm Thin MLF® package

Applications
• Mobile handsets
• GPS and navigation devices
• Portable media players
• Digital still and video cameras
• PDAs
• Portable electronics




Similar Part No. - MIC5326

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.5YD6 MICREL-MIC5320-1.8/1.5YD6 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5320-1.8/1.5YD6 MICREL-MIC5320-1.8/1.5YD6 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.5YML MICREL-MIC5320-1.8/1.5YML Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
More results


Similar Description - MIC5326

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5304 MICREL-MIC5304 Datasheet
421Kb / 12P
Single 150mA Low Operating Current LDO with Dual Voltage Pin Select
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com