Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP19020CFFTA Datasheet (PDF) - Diodes Incorporated

ZXTP19020CFFTA Datasheet PDF - Diodes Incorporated
Part # ZXTP19020CFFTA
Download  ZXTP19020CFFTA Download
File Size   444.29 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23F, PNP medium power transistor

ZXTP19020CFFTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP19020CFFTA Datasheet PDF - Diodes Incorporated

Part # ZXTP19020CFFTA
Download  ZXTP19020CFFTA Click to download

File Size   444.29 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23F, PNP medium power transistor

ZXTP19020CFFTA Datasheet (HTML) - Diodes Incorporated


ZXTP19020CFFTA Product details

Description
This low voltage PNP transistor has been designed for applications requiring high gain and very low saturation voltage. The SOT23F package is pin compatible with the industry standard SOT23 footprint but offers lower profile and higher dissipation for applications where power density is of utmost importance.

Features
• BVCEO > -20V
• BVECO > -5V
• IC = -5A Continuous Collector Current
• IC = -10A Peak Pulse Collector Current
• Low Saturation Voltage VCE(SAT) < -40mV @ -1A
• 1.5W Power Dissipation
• Complementary NPN Type: ZXTN19020CFF
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Battery Charging
• Load Switch
• DC-DC Converters




Similar Part No. - ZXTP19020CFFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19020CFFTA ZETEX-ZXTP19020CFFTA Datasheet
432Kb / 8P
20V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP19020CFFTA DIODES-ZXTP19020CFFTA Datasheet
337Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
ZXTP19020CFFTA DIODES-ZXTP19020CFFTA Datasheet
369Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
More results


Similar Description - ZXTP19020CFFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP07012EFF ZETEX-ZXTP07012EFF Datasheet
441Kb / 6P
12V, SOT23F, PNP medium power transistor
ZXTP19020CFF ZETEX-ZXTP19020CFF Datasheet
432Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP19060CFF ZETEX-ZXTP19060CFF Datasheet
450Kb / 8P
60V, SOT23F, PNP medium power transistor
ZXTP25020CFF ZETEX-ZXTP25020CFF Datasheet
431Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP19020DFFTA ZETEX-ZXTP19020DFFTA Datasheet
493Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP19100CFF ZETEX-ZXTP19100CFF Datasheet
437Kb / 8P
100V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP07040DFF DIODES-ZXTP07040DFF Datasheet
455Kb / 6P
40V, SOT23F, PNP medium power transistor
SEPTEMBER 2006
ZXTP19020DFF DIODES-ZXTP19020DFF Datasheet
504Kb / 8P
20V, SOT23F, PNP medium power transistor
SEPTEMBER 2007
ZXTP19100CFF DIODES-ZXTP19100CFF Datasheet
444Kb / 8P
100V, SOT23F, PNP medium power transistor
OCTOBER 2007
ZXTP25020CFF DIODES-ZXTP25020CFF Datasheet
444Kb / 8P
20V, SOT23F, PNP medium power transistor
FEBRUARY 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com