Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74402 Datasheet (PDF) - Sanyo Semicon Device

LC74402 Datasheet PDF - Sanyo Semicon Device
Part # LC74402
Download  LC74402 Download
File Size   391.96 Kbytes
Page   19 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PIP Controllers

LC74402 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC74402 Datasheet PDF - Sanyo Semicon Device

Part # LC74402
Download  LC74402 Click to download

File Size   391.96 Kbytes
Page   19 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PIP Controllers

LC74402 Datasheet (HTML) - Sanyo Semicon Device


LC74402 Product details

Overview
The LC74401E, LC74402, and LC74402E are memory controllers for TV set and VCR PIP (picture in picture) systems. Since these LSIs include three D/A converter circuits, a component PIP system can be constructed by combining one of these LSIs with memory and an A/D converter such as the LC7480.

Features
• Horizontal resolution: 600 TV lines*1
• Three D/A converters (for the Y, R-Y, and B-Y signals) are incorporated in the PIP memory controller block.
• High image quality is supported by vertical filter function frame memory processing*2.
• I2C bus controlled.
• Built-in PLL circuit (requires an external LPF)
• Supports NTSC, PAL, and multiple (NTSC-PAL) formats
• External control functions (only provided by the LC74401E)
    — 8-bit D/A converter (PWM): Six pins
    — General-purpose ports: Four pins
• Sub-screen specifications
    — Number of sub-screens: 1-8*2
    — Display on/off and frame on/off/color switching, wipe function
    — Supports switching between fixed (4 corners) and arbitrary (8-bit specification of vertical and horizontal position) display positions.
    — Size: Area: 1/4, 1/9, 1/16, Vertical compression: 1/2, 1/3, 1/4; Horizontal compression: 2/3, 1/3, 1/6
        Note: Horizontal compression can be adjusted by changing the PLL divisor. The display area can be changed independently in the vertical and horizontal directions.
    — Horizontal resolution (Y signal): About 250 dots
    — Gradation (quantization): 64 (6 bits)
• Operating supply voltage: 5 V ± 10%
• QFP80E: LC74401E
• DIP64S: LC74402-Pin assignment identical to the LC7442 (except for the serial control pins)
• QFP64E: LC74402E-Pin assignment identical to the LC7442E (except for the serial control pins)




Similar Part No. - LC74402

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7441 SANYO-LC7441 Datasheet
437Kb / 21P
Picture-in-picture Controller for TVs and VCRs
LC74411 SANYO-LC74411 Datasheet
174Kb / 14P
PIP Controller
LC74411N SANYO-LC74411N Datasheet
174Kb / 14P
PIP Controller
LC74411NE SANYO-LC74411NE Datasheet
174Kb / 14P
PIP Controller
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
Picture-in-picture Controller for TVs and VCRs
More results


Similar Description - LC74402

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
Picture-In-Picture PIP controller
1996 Aug 13
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
Picture-In-Picture PIP controller
1996 Aug 07
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
Multistandard Picture-In-Picture PIP controller
1999 Nov 12
logo
Sanyo Semicon Device
LC74411N SANYO-LC74411N Datasheet
174Kb / 14P
PIP Controller
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
PIP Controller?
logo
Siemens Semiconductor G...
SDA9189X SIEMENS-SDA9189X Datasheet
975Kb / 55P
Quarter PIP Processor
SDA9288X SIEMENS-SDA9288X Datasheet
744Kb / 46P
Single Chip PIP System
logo
FCI connector
10101229-101LF FCI-CONNECTOR-10101229-101LF Datasheet
229Kb / 3P
R/A Header, PIP
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com