Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7444 Datasheet (PDF) - Sanyo Semicon Device

LC7444 Datasheet PDF - Sanyo Semicon Device
Part # LC7444
Download  LC7444 Download
File Size   64.42 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Dual VCO

LC7444 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7444 Datasheet PDF - Sanyo Semicon Device

Part # LC7444
Download  LC7444 Click to download

File Size   64.42 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Dual VCO

LC7444 Datasheet (HTML) - Sanyo Semicon Device


LC7444 Product details

Overview
The LC7444 consists of two independent VCO (voltage controlled oscillator) circuits.
These circuits support VCO operation with only the addition of external resistors that determine the oscillation range.

Features
• Two independent VCO circuits
• The oscillator frequency range can be set with external resistors.
• Good linearity in the voltage - frequency conversion characteristics
• High-impedance oscillator control voltage input
• CMOS clock output
• Fabricated in a CMOS process for lower power
• Oscillator frequency range: 8 to 32 MHz
• Operating supply voltage: 5 V ± 10%
• Package: DIP14




Similar Part No. - LC7444

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74401E SANYO-LC74401E Datasheet
391Kb / 19P
PIP Controllers
LC74402 SANYO-LC74402 Datasheet
391Kb / 19P
PIP Controllers
LC74402E SANYO-LC74402E Datasheet
391Kb / 19P
PIP Controllers
LC7441 SANYO-LC7441 Datasheet
437Kb / 21P
Picture-in-picture Controller for TVs and VCRs
LC74411 SANYO-LC74411 Datasheet
174Kb / 14P
PIP Controller
More results


Similar Description - LC7444

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2432 TI-TRF2432 Datasheet
546Kb / 23P
Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
TRF2432 TI-TRF2432_07 Datasheet
550Kb / 24P
Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
logo
CRYSTEK CORPORATION
CRBV55BE-3020-3050 CRYSTEKMICROWAVE-CRBV55BE-3020-3050 Datasheet
186Kb / 2P
VCO
logo
BOWEI Integrated Circui...
HE721 BOWEI-HE721 Datasheet
113Kb / 1P
Dual Output intergrated VCO
HE722 BOWEI-HE722 Datasheet
102Kb / 1P
Dual Output VCO
HE723 BOWEI-HE723 Datasheet
83Kb / 1P
Dual Tuning VCO
HE725 BOWEI-HE725 Datasheet
80Kb / 1P
Dual Tuning VCO
HE831 BOWEI-HE831 Datasheet
114Kb / 1P
Dual Output intergrated VCO
HE831L-D BOWEI-HE831L-D Datasheet
97Kb / 1P
Dual Output intergrated VCO
HE832 BOWEI-HE832 Datasheet
106Kb / 1P
Dual Output intergrated VCO
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com