Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC78621E Datasheet (PDF) - Sanyo Semicon Device

LC78621E Datasheet PDF - Sanyo Semicon Device
Part # LC78621E
Download  LC78621E Download
File Size   418.19 Kbytes
Page   34 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Compact Disc Player DSP

LC78621E Datasheet (PDF)

Go To PDF Page Download Datasheet
LC78621E Datasheet PDF - Sanyo Semicon Device

Part # LC78621E
Download  LC78621E Click to download

File Size   418.19 Kbytes
Page   34 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Compact Disc Player DSP

LC78621E Datasheet (HTML) - Sanyo Semicon Device


LC78621E Product details

Overview
The LC78621E is a CMOS LSI that implements the signal processing and servo control required by compact disk players, laser disks, CD-V, CD-I and related products. The LC78621E provides several types of signal processing, including demodulation of the optical pickup EFM signal, de-interleaving, error detection and correction, and digital filters that can help reduce the cost of CD player units. It also processes a rich set of servo system commands sent from the control microprocessor. It also incorporates an EFM-PLL circuit and a one-bit D/A converter.

Features
• 80-pin QIP (miniature, reduced space package)
• Silicon gate CMOS process (for low power)
• 5 V single-voltage power supply (for use in portable products)

Functions
• Input signal processing: The LC78621E takes an HF
   signal as input, digitizes (slices) that signal at a precise
   level, converts that signal to an EFM signal, and
   generates a PLL clock with an average frequency of
   4.3218 MHz by comparing the phases of that signal and
   an internal VCO.
• Precise reference clock and necessary internal timing
   generation using an external 16.9344 MHz crystal
   oscillator
• Disk motor speed control using a frame phase difference
   signal generated from the playback clock and the
   reference clock
• Frame synchronization signal detection, protection and
   interpolation to assure stable data readout
• EFM signal demodulation and conversion to 8-bit
   symbol data
• Subcode data separation from the EFM demodulated
   signal and output of that data to an external
   microprocessor
• Subcode Q signal output to a microprocessor over the
   serial I/O interface after performing a CRC error check
• Demodulated EFM signal buffering in internal RAM to
   handle up to ±4 frames of disk rotational jitter
• Demodulated EFM signal reordering in the prescribed
   order for data unscrambling and de-interleaving
• Error detection, correction, and flag processing (error
   correction scheme: dual C1 plus dual C2 correction)
• The LC78620E sets the C2 flags based on the C1 flags
   and a C2 check, and then performs signal interpolation
   or muting depending on the C2 flags. The interpolation
   circuit uses a quadruple interpolation scheme. The
   output value converges to the muting level when four or
   more consecutive C2 flags occur.
• Support for command input from a control
   microprocessor: commands include track jump, focus
   start, disk motor start/stop, muting on/off and track
   count (8 bit serial input)
• Built-in digital output circuits.
• Arbitrary track counting to support high-speed data
   access
• Zero cross muting
• Supports the implementation of a double-speed dubbing
   function.
• D/A converter outputs with data continuity improved by
   8× oversampling digital filters. (These filters function as
   4× oversampling filters during double-speed playback.)
• Built-in third-order ∑∆ D/A converters (PWM output)
• Built-in digital attenuator (8 bits – alpha, 239 steps)
• Built-in digital de-emphasis
• Built-in digital level and peak meter functions
• Support for bilingual applications




Similar Part No. - LC78621E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
Compact Disc Player DSP
More results


Similar Description - LC78621E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
Compact Disc Player DSP with Built-in Microcontroller
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
Compact Disc Player DSP
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
Compact Disk Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
Compact Disc Player DSP with Built-in Microcontroller
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
Compact Disc Player DSP
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com