Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC78624E Datasheet (PDF) - Sanyo Semicon Device

LC78624E Datasheet PDF - Sanyo Semicon Device
Part # LC78624E
Download  LC78624E Download
File Size   358.68 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Compact Disc Player DSP

LC78624E Datasheet (PDF)

Go To PDF Page Download Datasheet
LC78624E Datasheet PDF - Sanyo Semicon Device

Part # LC78624E
Download  LC78624E Click to download

File Size   358.68 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Compact Disc Player DSP

LC78624E Datasheet (HTML) - Sanyo Semicon Device


LC78624E Product details

Overview
The LC78624E is a CMOS LSI that implements the signal processing and servo control required by compact disc players. Including an EFM-PLL and text decoder, the LC78624E strictly limits functionality to basic signal processing and servo system operation to achieve the best cost-performance balance for low-end players. As basic functions, the LC78624E provides demodulation of the EFM signal from the optical pickup, de-interleaving, error detection and correction, and processes servo commands sent from the control microcontroller.

Features
• 64 pin QFP
• 5 V single-voltage power supply

Functions
• Input signal processing: The LC78624E takes an HF signal as input, digitizes (slices) that signal at a precise level, converts that signal to an EFM signal, and generates a PLL clock with an average frequency of 4.3218 MHz by comparing the phases of that signal and an internal VCO.
• Precise reference clock and necessary internal timing generation using an external 16.9344 MHz crystal oscillator
• Disk motor speed control using a frame phase difference signal generated from the playback clock and the reference clock
• Frame synchronization signal detection, protection and interpolation to assure stable data readout
• EFM signal demodulation and conversion to 8-bit symbol data
• Subcode data separation from the EFM demodulated signal and output of that data to an external microcontroller
• Subcode Q signal output to a microcontroller over the serial I/O interface after performing a CRC error check (LSB first)
• Serial output to a microcontroller via the text decoder of the song titles and other text data stored in the Subcode R through W channels of the read-in area
• Demodulated EFM signal buffering in internal RAM to handle up to ±4 frames of disk rotational jitter
• Demodulated EFM signal reordering in the prescribed order for data unscrambling and de-interleaving
• Error detection, correction, and flag processing (error correction scheme: dual C1 plus dual C2 correction)
• The LC78624E sets the C2 flags based on the C1 flags and a C2 check, and then performs signal interpolation or muting depending on the C2 flags. The interpolation circuit uses a dual-interpolation scheme. The previous value is held if the C2 flags indicate errors two or more times consecutively.
• Support for command input from a microcontroller: commands include track jump, focus start, disk motor start/stop, muting on/off and track count (8 bit serial input)
• Built-in digital output circuits.
• Arbitrary track counting to support high-speed data access
• Zero cross muting
• Supports the implementation of a double-speed dubbing function.
• Support for bilingual applications.
• General-purpose I/O ports: 5 pins




Similar Part No. - LC78624E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
Compact Disc Player DSP
More results


Similar Description - LC78624E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
Compact Disc Player DSP with Built-in Microcontroller
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
Compact Disc Player DSP
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
Compact Disk Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
Compact Disc Player DSP with Built-in Microcontroller
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
Compact Disc Player DSP
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com