Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC78630E Datasheet (PDF) - Sanyo Semicon Device

LC78630E Datasheet PDF - Sanyo Semicon Device
Part # LC78630E
Download  LC78630E Download
File Size   433.4 Kbytes
Page   33 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Compact Disk Player DSP

LC78630E Datasheet (PDF)

Go To PDF Page Download Datasheet
LC78630E Datasheet PDF - Sanyo Semicon Device

Part # LC78630E
Download  LC78630E Click to download

File Size   433.4 Kbytes
Page   33 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Compact Disk Player DSP

LC78630E Datasheet (HTML) - Sanyo Semicon Device


LC78630E Product details

Overview
The LC78630E is a CD-DA signal-processing LSI for use in video CD player systems. The LC78630E incorporates signal-processing circuits for demodulating and deinterleaving the EFM signal from the optical pickup, error detection and correction, and digital filtering. It also includes a 1-bit D/A converter and executes commands sent from a system control microprocessor.

Features
• Built-in PLL for EFM signal synchronization (a hybrid analog-digital PLL that supports 4× playback)
• Built-in PLL for variable pitch playback (±13%)
• 18KB RAM on chip
• Error detection and correction (corrects two errors in C1 and four errors in C2)
• Frame jitter margin: ±8 frames
• Frame synchronization signal detection, protection, and insertion
• Dual interpolation adopted in the interpolation circuit.
• EFM data demodulation
• Subcode demodulation
• Zero-cross muting adopted
• Servo command interface
• 2fs digital filter
• Digital de-emphasis
• Built-in independent left- and right-channel digital attenuators (239 attenuation steps)
• Left/right swap function
• Built-in 1-bit D/A converter (third-order  ∆∑ noise shaper, PWM output)
• Built-in digital output circuit
• CLV servo
• Arbitrary track jumping (of up to 255 tracks)
• Variable sled voltage (four levels)
• Built-in oscillator circuit using an external 16.9344 MHz or 33.8688 MHz (for 4× playback) element
• Supply voltage: 3.6 to 5.5 V (4.5 to 5.5 V for 4× playback mode)
• Six extended I/O ports and 2 extended output ports




Similar Part No. - LC78630E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7863 SANYO-LC7863 Datasheet
1Mb / 18P
DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC78631 SANYO-LC78631 Datasheet
503Kb / 34P
Compact Disk Player DSP
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
Compact Disk Player DSP
LC78632 SANYO-LC78632 Datasheet
157Kb / 9P
Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
Compact Disk Player DSP
More results


Similar Description - LC78630E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
Compact Disc Player DSP
LC78626E SANYO-LC78626E Datasheet
475Kb / 32P
DSP for Compact Disk Players
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
Compact Disk Player DSP
logo
List of Unclassifed Man...
YM3805 ETC1-YM3805 Datasheet
73Kb / 2P
Signal Processor Controller for Compact Disk Player
logo
Sanyo Semicon Device
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
Compact Disc Player DSP
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com