Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2586R Datasheet (PDF) - Micrel Semiconductor

MIC2586R Datasheet PDF - Micrel Semiconductor
Part # MIC2586R
Download  MIC2586R Download
File Size   601.89 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer

MIC2586R Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2586R Datasheet PDF - Micrel Semiconductor

Part # MIC2586R
Download  MIC2586R Click to download

File Size   601.89 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer

MIC2586R Datasheet (HTML) - Micrel Semiconductor


MIC2586R Product details

General Description
The MIC2586 and MIC2586R are single-channel positive voltage hot swap controllers/sequencers designed to provide safe insertion and removal of boards for systems that require live (always-powered) backplanes. These devices use few external components and act as controllers for external N-channel power MOSFET devices to provide inrush current control and output voltage slew rate control. Overcurrent fault protection is provided via programmable analog foldback current limit circuitry equipped with a programmable overcurrent filter.

Features
• Operates from +10V to +80V with 100V ABS MAX operation
• Industrial temperature specifications at VCC = +24V and VCC = +48V
• Programmable current limit with analog foldback
• Active current regulation minimizes inrush current
• Electronic circuit breaker for overcurrent fault protection
    - Output latch off (MIC2586) or
    - Output auto-retry (MIC2586R)
• Fast responding circuit breaker (< 2µs) to short circuit loads
• Programmable input undervoltage lockout
• Fault Reporting:
    Three Open-drain “Power-is-Good” outputs for enabling DC/DC converter(s)
    - Active-HIGH: MIC2586-1/MIC2586R-1
    - Active-LOW: MIC2586-2/MIC2586R-2

Applications
• General-purpose hot board insertion
• High-voltage, high-side electronic circuit breaker
• +12V/+24V/+48V Distributed Power Systems
• +24V/+48V Industrial/Alarm Systems
• Telecom Systems
• Medical systems




Similar Part No. - MIC2586R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A Datasheet
252Kb / 21P
Hot-Swap PCI Power Controller
MIC2580A MICREL-MIC2580A Datasheet
258Kb / 21P
Hot-Swap PCI Power Controller
MIC2580A-1.0BTS MICREL-MIC2580A-1.0BTS Datasheet
252Kb / 21P
Hot-Swap PCI Power Controller
MIC2580A-1.0BTS MICREL-MIC2580A-1.0BTS Datasheet
258Kb / 21P
Hot-Swap PCI Power Controller
MIC2580A-1.0YTS MICREL-MIC2580A-1.0YTS Datasheet
258Kb / 21P
Hot-Swap PCI Power Controller
More results


Similar Description - MIC2586R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
Positive High Voltage Hot Swap Controller
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
Dual-Channel Hot Swap Controller/Power Sequencer
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2587 MICREL-MIC2587 Datasheet
536Kb / 16P
Single-Channel, Positive High-Voltage Hot Swap Controller
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
Positive High Voltage Hot Swap Controller
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
Dual-Channel Hot Swap Controller/Power Sequencer
logo
Micrel Semiconductor
MIC2587 MICREL-MIC2587_13 Datasheet
1,007Kb / 22P
Single-Channel, Positive High-Voltage Hot Swap Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com