Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC9947G Datasheet (PDF) - Sanyo Semicon Device

LC9947G Datasheet PDF - Sanyo Semicon Device
Part # LC9947G
Download  LC9947G Download
File Size   180.67 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???

LC9947G Datasheet (PDF)

Go To PDF Page Download Datasheet
LC9947G Datasheet PDF - Sanyo Semicon Device

Part # LC9947G
Download  LC9947G Click to download

File Size   180.67 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???

LC9947G Datasheet (HTML) - Sanyo Semicon Device


LC9947G Product details

Overview
The LC9947G is a 1/5-inch optical size frame transfer CCD (charge-coupled device) solid-state imaging device.

Features
• Effective number of pixels [total pixels]: 508 × 492 [532 × 500] (H × V)
• Number of optical blacks
    Horizontal direction: Front: 2 pixels Rear: 22 pixels
    Vertical direction: Front: 5 pixels Rear: 3 pixels
• Dummy bits - Horizontal direction: 4 pixels
• Horizontal resolution: 380 TV lines
• Miniature size supports compact application designs.
• The LC9947G is provided in a 20-pin half-pitch completely transparent DIP package.
• Horizontal shift register, 5 V operation
• Can be used with a variable-speed electronic shutter




Similar Part No. - LC9947G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9945 SANYO-LC9945 Datasheet
181Kb / 8P
1/6 Inch Optical Size CCIR Black-and-White Solid-State Imaging Device
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
1/5 Optical Size CCIR B/W Solid-State Image Sensor
LC9949G SANYO-LC9949G Datasheet
117Kb / 10P
1/6 Optical Size EIA B/W Solid-State Image Sensor
More results


Similar Description - LC9947G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9945 SANYO-LC9945 Datasheet
181Kb / 8P
1/6 Inch Optical Size CCIR Black-and-White Solid-State Imaging Device
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
1/5 Optical Size CCIR B/W Solid-State Image Sensor
LC9949G SANYO-LC9949G Datasheet
117Kb / 10P
1/6 Optical Size EIA B/W Solid-State Image Sensor
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9998G SANYO-LC9998G Datasheet
140Kb / 11P
1/5 Optical Size PAL Color Solid-State Image Sensor
logo
Sony Corporation
ICX058AL SONY-ICX058AL Datasheet
332Kb / 17P
1/3-inch CCD Image Sensor for EIA Black-and-White Video Camera
ICX076AL SONY-ICX076AL Datasheet
250Kb / 18P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for EIA Black-and-White Video Cameras
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5100 AVAGO-ADNS-5100 Datasheet
228Kb / 4P
Solid-State Optical Mouse Lens
logo
STMicroelectronics
VD6725 STMICROELECTRONICS-VD6725 Datasheet
190Kb / 4P
2 megapixel, 1/5 inch system-on-chip imaging sensor
31-Jan-2008
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com