Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC9949G Datasheet (PDF) - Sanyo Semicon Device

LC9949G Datasheet PDF - Sanyo Semicon Device
Part # LC9949G
Download  LC9949G Download
File Size   117.15 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/6 Optical Size EIA B/W Solid-State Image Sensor

LC9949G Datasheet (PDF)

Go To PDF Page Download Datasheet
LC9949G Datasheet PDF - Sanyo Semicon Device

Part # LC9949G
Download  LC9949G Click to download

File Size   117.15 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/6 Optical Size EIA B/W Solid-State Image Sensor

LC9949G Datasheet (HTML) - Sanyo Semicon Device


LC9949G Product details

Overview
The LC9949G is a 1/6" optical size frame transfer type CCD (charge-coupled device) solid-state image sensor developed for use in black-and-white video cameras.

Features
• Effective number of pixels (total pixels): 384H × 492V (410H × 500V)
• Number of optical black pixels:
   Horizontal direction: Front: 5 pixels
                                    Back: 21 pixels
   Vertical direction: Front: 5 pixels
                               Back: 3 pixels
• Dummy bits: Horizontal direction: 4 pixels
• Horizontal resolution: 280 TV lines
• Supports miniature, compact camera designs.
• Package: 20-pin half-pitch transparent DIP
• Horizontal shift register: 5 V drive
• Supports variable-speed electronic shutter operation




Similar Part No. - LC9949G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9945 SANYO-LC9945 Datasheet
181Kb / 8P
1/6 Inch Optical Size CCIR Black-and-White Solid-State Imaging Device
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
LC9947G SANYO-LC9947G Datasheet
180Kb / 8P
1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
1/5 Optical Size CCIR B/W Solid-State Image Sensor
More results


Similar Description - LC9949G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
LC9947G SANYO-LC9947G Datasheet
180Kb / 8P
1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
1/5 Optical Size CCIR B/W Solid-State Image Sensor
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9998G SANYO-LC9998G Datasheet
140Kb / 11P
1/5 Optical Size PAL Color Solid-State Image Sensor
logo
Sony Corporation
ICX054AL SONY-ICX054AL Datasheet
341Kb / 17P
1/3-inch CCD Image Sensor for EIA B/W Camera
ICX058ALB SONY-ICX058ALB Datasheet
442Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Cameras?
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
ICX038BLA SONY-ICX038BLA Datasheet
374Kb / 17P
1/2 inch CCD Image Sensor for EIA B/W Camera
logo
A1 PROs co., Ltd.
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
1/3 inch CCD Image Sensor for EIA B/W Camera
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com