Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC9948G Datasheet (PDF) - Sanyo Semicon Device

LC9948G Datasheet PDF - Sanyo Semicon Device
Part # LC9948G
Download  LC9948G Download
File Size   115.87 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/5 Optical Size CCIR B/W Solid-State Image Sensor

LC9948G Datasheet (PDF)

Go To PDF Page Download Datasheet
LC9948G Datasheet PDF - Sanyo Semicon Device

Part # LC9948G
Download  LC9948G Click to download

File Size   115.87 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/5 Optical Size CCIR B/W Solid-State Image Sensor

LC9948G Datasheet (HTML) - Sanyo Semicon Device


LC9948G Product details

Overview
The LC9948G is a 1/5" optical size frame transfer type CCD (charge-coupled device) solid-state image sensor developed for use in B/W video cameras.

Features
• Effective number of pixels (total pixels): 499 H × 582 V (532 H × 600 V)
• Number of optical black pixels:
    Horizontal direction: Front: 7 pixels Back: 26 pixels
    Vertical direction: Front: 14 pixels Back: 4 pixels
• Dummy bits: Horizontal direction: 4 pixels
• Horizontal resolution: 380 TV lines
• Supports miniature, compact camera designs.
• Package: 20-pin half-pitch transparent DIP
• Horizontal shift register: 5 V operation
• Supports variable-speed electronic shutter operation




Similar Part No. - LC9948G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9945 SANYO-LC9945 Datasheet
181Kb / 8P
1/6 Inch Optical Size CCIR Black-and-White Solid-State Imaging Device
LC9946 SANYO-LC9946 Datasheet
181Kb / 8P
1/6 Inch Optical Size EIA Black-and-White Solid-State Imaging Device?
LC9947G SANYO-LC9947G Datasheet
180Kb / 8P
1/5 Inch Optical Size EIA Black-and-White Solid-State Imaging Device???
LC9949G SANYO-LC9949G Datasheet
117Kb / 10P
1/6 Optical Size EIA B/W Solid-State Image Sensor
More results


Similar Description - LC9948G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9945 SANYO-LC9945 Datasheet
181Kb / 8P
1/6 Inch Optical Size CCIR Black-and-White Solid-State Imaging Device
LC9949G SANYO-LC9949G Datasheet
117Kb / 10P
1/6 Optical Size EIA B/W Solid-State Image Sensor
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9998G SANYO-LC9998G Datasheet
140Kb / 11P
1/5 Optical Size PAL Color Solid-State Image Sensor
logo
Sony Corporation
ICX027BLA SONY-ICX027BLA Datasheet
268Kb / 13P
1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA
ICX055AL SONY-ICX055AL Datasheet
350Kb / 17P
1/3-inch CCD Image Sensor for CCIR B/W Camera
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX207AL SONY-ICX207AL Datasheet
218Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX415AL SONY-ICX415AL Datasheet
282Kb / 30P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
logo
A1 PROs co., Ltd.
AI329 A1PROS-AI329 Datasheet
62Kb / 8P
1/3 inch CCD Image Sensor for CCIR B/W Camera
Ver1.0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com