Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC9997 Datasheet (PDF) - Sanyo Semicon Device

LC9997 Datasheet PDF - Sanyo Semicon Device
Part # LC9997
Download  LC9997 Download
File Size   187.64 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/5-Inch Frame Transfer CCD NTSC Color Image Sensor

LC9997 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC9997 Datasheet PDF - Sanyo Semicon Device

Part # LC9997
Download  LC9997 Click to download

File Size   187.64 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1/5-Inch Frame Transfer CCD NTSC Color Image Sensor

LC9997 Datasheet (HTML) - Sanyo Semicon Device


LC9997 Product details

Overview

The LC9997M is a 1/5-inch optical size frame transfer CCD solid-state image sensor.



Features

• Effective pixels [total pixels]: 508 × 246 [532 × 250] (H × V)

• Number of optical black pixels:

  Horizontal:2 in front, 22 in back

  Vertical: 2.5 above, 1.5 below

• Dummy bits: Horizontal: 4 pixels

• Horizontal resolution: 330 TV lines

• Small form factor supports compact application products

• 20-pin half-pitch transparent DIP package

• Horizontal shift register operates at 5 V.

• Supports variable-speed electronic shutter operation.



 




Similar Part No. - LC9997

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9997 SANYO-LC9997 Datasheet
187Kb / 9P
1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
1/5 Inch Optical Size NTSC Color Solid-State Image Device?
More results


Similar Description - LC9997

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FT18 PHILIPS-FT18 Datasheet
234Kb / 16P
Frame Transfer CCD Image Sensor
2000 January 7
FTT1010-M PHILIPS-FTT1010-M Datasheet
171Kb / 17P
Frame Transfer CCD Image Sensor
1999 September 21
FXA1012 PHILIPS-FXA1012 Datasheet
476Kb / 17P
Frame Transfer CCD Image Sensor
2000 January 7
logo
Samsung semiconductor
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC75118C SAMSUNG-KC75118C Datasheet
255Kb / 20P
1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F518NZ03 SAMSUNG-S5F518NZ03 Datasheet
255Kb / 20P
1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
1/3-inch CCD Image Sensor for NTSC Color Camera
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
1/3 inch CCD Image Sensor for NTSC Camera
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com