Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP14N120B Datasheet (PDF) - IXYS Corporation

IXGP14N120B Datasheet PDF - IXYS Corporation
Part # IXGP14N120B
Download  IXGP14N120B Download
File Size   156.72 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description IGBT Optimized for switching up to 35 KHz

IXGP14N120B Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGP14N120B Datasheet PDF - IXYS Corporation

Part # IXGP14N120B
Download  IXGP14N120B Click to download

File Size   156.72 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description IGBT Optimized for switching up to 35 KHz

IXGP14N120B Datasheet (HTML) - IXYS Corporation




Similar Part No. - IXGP14N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP10N60 IXYS-IXGP10N60 Datasheet
56Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGP10N60A IXYS-IXGP10N60A Datasheet
56Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGP12N100 IXYS-IXGP12N100 Datasheet
51Kb / 2P
IGBT
IXGP12N100A IXYS-IXGP12N100A Datasheet
51Kb / 2P
IGBT
IXGP12N100AU1 IXYS-IXGP12N100AU1 Datasheet
116Kb / 4P
IGBT - Combi Pack
More results


Similar Description - IXGP14N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH60N60B2 IXYS-IXGH60N60B2 Datasheet
579Kb / 5P
Optimized for 10-25 kHz hard switching and up to 100 KHz resonant switching
IXGA12N120A2 IXYS-IXGA12N120A2 Datasheet
584Kb / 5P
IGBT Optimized for switching up to 5KHz
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
26-Sep-2005
logo
IXYS Corporation
IXYN82N120C3H1 IXYS-IXYN82N120C3H1 Datasheet
192Kb / 7P
High-Speed IGBT for 20-50 kHz Switching
IXYP30N120C3 IXYS-IXYP30N120C3 Datasheet
186Kb / 6P
High-Speed IGBT for 20-50 kHz Switching
IXGP30N60B2 IXYS-IXGP30N60B2 Datasheet
554Kb / 5P
Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
logo
Vishay Siliconix
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
logo
IXYS Corporation
IXYH24N90C3 IXYS-IXYH24N90C3 Datasheet
214Kb / 6P
High-Speed IGBT for 20-50 kHz Switching
IXGN80N60A2 IXYS-IXGN80N60A2 Datasheet
530Kb / 2P
Optimized for Switching up to 5 kHz
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com