Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK732 Datasheet (PDF) - Sanyo Semicon Device

STK732 Datasheet PDF - Sanyo Semicon Device
Part # STK732
Download  STK732 Download
File Size   103.57 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15 V Single Output MOS Chopper Regulator

STK732 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK732 Datasheet PDF - Sanyo Semicon Device

Part # STK732
Download  STK732 Click to download

File Size   103.57 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15 V Single Output MOS Chopper Regulator

STK732 Datasheet (HTML) - Sanyo Semicon Device


STK732 Product details

Overview

The STK732C is a chopper type step-down dedicated 15 V single output regulator that uses a power MOSFET as its switching element. The STK732C covers the 2 A and higher current regions, regions that are difficult to handle with three terminal step-down regulators. As compared with earlier chopper regulator products that used bipolar transistors, the efficiency of the STK732C

has been further improved by the adoption of MOSFET technology, and use of the STK732C enables further miniaturization and increased performance in the end product since it corresponds to the adoption of a dedicated switching controller IC.



Features

• IMST substrate (insulated metal substrate technology)

• High efficiency realized by the adoption of MOSFET technology.

• An auxiliary drive power supply is no longer required due to the development of a unique NMOS FET drive circuit. This means that the STK732C can be used with a single power supply, thus allowing simplification of the input system.

• Built-in reverse going linear overload characteristic curve overcurrent protection circuit

• Ground line handling is eased even in multi-output power supply structures due to placement of the overcurrent detection resistor on the plus line.

• The STK732C’s separate excitation oscillator structure provides high stability in the switching

frequency.

• A built-in cutoff function allows an external signal to switch the output on and off.

• The STK732C’s switching operating frequency is set at 85 kHz, which minimizes beating when used in a multiple output structure with STK730 type (5 V output, 125 kHz) products.



Applications

• Power supplies in printers and other office equipment

• Power supplies in robots and other factory automation related equipment

• Power supplies in VCRs and other consumer products

• Secondary side regulators in switching power supplies



 




Similar Part No. - STK732

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK7328 SANYO-STK7328 Datasheet
155Kb / 1P
OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
More results


Similar Description - STK732

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK730C SANYO-STK730C Datasheet
118Kb / 6P
5 V Single Output MOS Chopper Regulator
STK731B SANYO-STK731B Datasheet
160Kb / 6P
12V Single Output MOS Chopper Regulator?
STK733C SANYO-STK733C Datasheet
147Kb / 6P
24 V Output MOS Chopper Regulator
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
3.3V/5A Single Output Separate Excitation Chopper Regulator
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
5V/5A Single Output Separate Excitation Chopper Regulator
STK750-010 SANYO-STK750-010 Datasheet
149Kb / 8P
Chopper Regulator using MOS FET with Multi-Scan Support(1A Output Current)
STK7561G SANYO-STK7561G Datasheet
72Kb / 3P
Chopper Type Parallel 2-Output Voltage Regulator
STK7563A SANYO-STK7563A Datasheet
71Kb / 3P
Chopper Type Parallel 2-Output Voltage Regulator?
logo
Sharp Corporation
PQ1CX22H2ZPQ SHARP-PQ1CX22H2ZPQ Datasheet
150Kb / 5P
Low Output Bootstrap system Chopper Regulator
logo
Infineon Technologies A...
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com