Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK730C Datasheet (PDF) - Sanyo Semicon Device

STK730C Datasheet PDF - Sanyo Semicon Device
Part # STK730C
Download  STK730C Download
File Size   118.15 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5 V Single Output MOS Chopper Regulator

STK730C Datasheet (PDF)

Go To PDF Page Download Datasheet
STK730C Datasheet PDF - Sanyo Semicon Device

Part # STK730C
Download  STK730C Click to download

File Size   118.15 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5 V Single Output MOS Chopper Regulator

STK730C Datasheet (HTML) - Sanyo Semicon Device


STK730C Product details

Overview
The STK730C is a chopper type step-down dedicated 5 V single output regulator that uses a power MOSFET as its switching element and a Schottky barrier diode (SBD) as its flywheel diode.

Features
• IMST substrate (insulated metal substrate technology)
• Efficiency improved (by 10%) by the adoption of
   MOSFET and SBD technology.
• An auxiliary drive power supply is no longer required
   due to the development of a unique NMOS FET drive
   circuit. This means that the STK730C can be used
   with a single power supply, thus allowing
   simplification of the input system.
• Built-in reverse going linear overload characteristic
   curve overcurrent protection circuit
• Ground line handling is eased even in multi-output
   power supply structures due to placement of the
   overcurrent detection resistor on the plus line.
• The STK730C’s separate excitation oscillator
   structure provides high stability in the switching
   frequency.
• The STK730C’s switching operating frequency is set
   at 125 kHz, which minimizes beating when used in a
   multiple output structure with STK731 and STK733
   type products.

Applications
• Power supplies in printers and other office equipment
• Power supplies in robots and other factory automation
   related equipment
• Power supplies in VCRs and other consumer products
• Secondary side regulators in switching power supplies




Similar Part No. - STK730C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-010 SANYO-STK730-010 Datasheet
127Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-010 SANYO-STK730-010 Datasheet
161Kb / 8P
Self-Excitation Type Semi-Regulated (World Spec) Switching Regulator (110W Output)?
STK730-010 SANYO-STK730-010 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
logo
Inchange Semiconductor ...
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
Self-excitation Type Semi-Regulated Switching Regulator
More results


Similar Description - STK730C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
12V Single Output MOS Chopper Regulator?
STK732C SANYO-STK732C Datasheet
103Kb / 6P
15 V Single Output MOS Chopper Regulator
STK733C SANYO-STK733C Datasheet
147Kb / 6P
24 V Output MOS Chopper Regulator
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
3.3V/5A Single Output Separate Excitation Chopper Regulator
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
5V/5A Single Output Separate Excitation Chopper Regulator
STK750-010 SANYO-STK750-010 Datasheet
149Kb / 8P
Chopper Regulator using MOS FET with Multi-Scan Support(1A Output Current)
STK7561G SANYO-STK7561G Datasheet
72Kb / 3P
Chopper Type Parallel 2-Output Voltage Regulator
STK7561J SANYO-STK7561J Datasheet
71Kb / 3P
Chopper Type Parallel 2-Output Voltage Regulator?
STK7563A SANYO-STK7563A Datasheet
71Kb / 3P
Chopper Type Parallel 2-Output Voltage Regulator?
logo
Sharp Corporation
PQ1CX22H2ZPQ SHARP-PQ1CX22H2ZPQ Datasheet
150Kb / 5P
Low Output Bootstrap system Chopper Regulator
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com