Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK730C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK730C
Description  5 V Single Output MOS Chopper Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK730C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK730C Datasheet HTML 1Page - Sanyo Semicon Device STK730C Datasheet HTML 2Page - Sanyo Semicon Device STK730C Datasheet HTML 3Page - Sanyo Semicon Device STK730C Datasheet HTML 4Page - Sanyo Semicon Device STK730C Datasheet HTML 5Page - Sanyo Semicon Device STK730C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Test Circuit
STK730C Characteristics
STK730C
No. 4472-3/6
C1:
220 µF/50 V
L1:
200 µH (HP-054/TOKIN)
C2:
1000 µF/10 V
Rs1:
0.05
Ω
C3:
1 µF/10 V
Notes: • Do not use pin 7 or pin 9 as an intermediary for any other line or pin.
• Since pin 5 is grounded to the substrate, the noise level and other characteristics can be adversely affected if the heat sink is connected to the FG
or GND lines. If this is a problem either make the heat sink floating or use an insulating sheet.
Temperature characteristics
Substrate temperature – °C
Input variation characteristics
Input voltage – V
Load variation characteristics
Output current – A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com