Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK730C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK730C
Description  5 V Single Output MOS Chopper Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK730C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK730C Datasheet HTML 1Page - Sanyo Semicon Device STK730C Datasheet HTML 2Page - Sanyo Semicon Device STK730C Datasheet HTML 3Page - Sanyo Semicon Device STK730C Datasheet HTML 4Page - Sanyo Semicon Device STK730C Datasheet HTML 5Page - Sanyo Semicon Device STK730C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STK730C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Rating
Unit
Maximum DC input voltage
Vin (DC) max
40
V
Maximum output current
IO max
5
A
Thermal resistance
θj-c
3.5 (SBD 7.2)
°C/W
Junction temperature
Tj max
150 (SBD 125)
°C
Operating case temperature
Tc max
105
°C
Storage temperature
Tstg
–30 to +105
°C
Electrical Characteristics at Ta = 25°C, for the specified test circuit
Rating
Parameter
Symbol
Condition
min
typ
max
Unit
Output voltage setting
VO
Vin (DC) = 24 V, IO = 1 A
4.95
5.05
5.15
V
Ripple voltage
Vrp
10
mVrms
Input regulation
Reg-IN
Vin (DC) = 10 to 40 V, IO = 1 A
10
mV/V
Load regulation
Reg-L
Vin (DC) = 24 V, IO = 0.5 to 5 A
30
mV/A
Overcurrent protection start current
Iocp
Vin (DC) = 24 V
5
A
Efficiency
η
Vin (DC) = 24 V, IO = 2.5 A
80
%
Operating frequency
f
Vin (DC) = 24 V, IO = 1 A
125
kHz
Output voltage temperature coefficient
Tcvo
0.02
%/°C
Block Diagram
No. 4472-2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com