Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK730C Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK730C
Description  5 V Single Output MOS Chopper Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK730C Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK730C Datasheet HTML 1Page - Sanyo Semicon Device STK730C Datasheet HTML 2Page - Sanyo Semicon Device STK730C Datasheet HTML 3Page - Sanyo Semicon Device STK730C Datasheet HTML 4Page - Sanyo Semicon Device STK730C Datasheet HTML 5Page - Sanyo Semicon Device STK730C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STK730C
θj-c, Tj max
θj-c
Tj max
PTR (FET)
3.5°C/W
150°C
FWD (SBD)
7.2°C/W
125°C
Notes on PC Board Production
• Capacitor C1 should be placed as close as possible to the pin 10 input in the layout. (This is to prevent voltage drops in
the input lines and pattern. Also, a separate smoothing capacitor is required if the input is a direct current input using
rectified and smoothed AC.)
• Capacitor C2 should be placed as close as possible to the load in the layout. (This is to compensate for voltage drops
due to load fluctuations.)
• Pins 2 and 5 are voltage sensing lines, and should be connected close to the load, i.e., close to C2. (This is to
compensate for voltage drops in the pattern.)
• Pins 3 and 4 should be directly connected to the two terminals of the current detection resistor Rs1. (This is to prevent
detection based on pattern resistances.)
• Pin 6 should be connected to the capacitor C1 ground using a thick, short line to reduce the related loop area. (This is
to reduce switching spikes.)
• Power lines, i.e., lines that carry current, should be made as wide as possible in the pattern.
• When a ripple suppression LC filter is added, connect it at the location indicated by dotted lines in the figure. The
sensing line from pin 2 should be connected to the same position (the C2 location) as it is when no filter is used.
• The NC pins (pins 7 and 9) should not be connected to any other lines, even on the PC board.
Two Output Power Supply Structural Example (connecting to an STK733)
Œ

Note: It is possible for STK730 input ripple currents to cause L1 to vibrate audibly and adversely influence the 24 V system. If such problems occur, an
inductor can be inserted at the point marked with dotted lines in the figure to form an LC filter.
STK730C
No. 4472-5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com