Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPS13 Datasheet (PDF) - Sanyo Semicon Device

VPS13 Datasheet PDF - Sanyo Semicon Device
Part # VPS13
Download  VPS13 Download
File Size   88.1 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier

VPS13 Datasheet (PDF)

Go To PDF Page Download Datasheet
VPS13 Datasheet PDF - Sanyo Semicon Device

Part # VPS13
Download  VPS13 Click to download

File Size   88.1 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier

VPS13 Datasheet (HTML) - Sanyo Semicon Device


VPS13 Product details

Features
• High output voltage and wide bandwidth; optimal for
   use in fH (horizontal deflection frequency) = 100 kHz
   class monitors.
   (f = 130 MHz –3 dB at VOUT = 40 Vp-p)
• SIP molded 15-pin package houses three amplifier
   channels.




Similar Part No. - VPS13

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VPS10 SANYO-VPS10 Datasheet
104Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPS10 SANYO-VPS10 Datasheet
234Kb / 2P
HYBRID INTERGRATED CIRCUITS/WITH FBET/LSBT PROCESSS CHIPS/WIDE BANDWIDTH VIDEO OUTPUT ICS
VPS10 SANYO-VPS10 Datasheet
350Kb / 2P
Hybrid intergrated circuits/with FBET/LSBT process chips/Wide bandwidth video output ICs
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
VPS10-13000 TRIAD-VPS10-13000_13 Datasheet
161Kb / 1P
QUICK-CONNECT WORLD SERIES
More results


Similar Description - VPS13

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VP301 SANYO-VP301 Datasheet
103Kb / 6P
Ultrahigh Resolution CRT Display Video Output Amplifier
VP453 SANYO-VP453 Datasheet
90Kb / 5P
CRT Display Video Output Amplifier
VP503 SANYO-VP503 Datasheet
236Kb / 11P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VP513 SANYO-VP513 Datasheet
165Kb / 8P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VP553 SANYO-VP553 Datasheet
92Kb / 5P
CRT Display Video Output Amplifier
VP603 SANYO-VP603 Datasheet
144Kb / 8P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPA12 SANYO-VPA12 Datasheet
72Kb / 3P
High-Precision CRT Display Video Output Amplifier
VPS10 SANYO-VPS10 Datasheet
104Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPS12 SANYO-VPS12 Datasheet
89Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplifier
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com