Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPS13 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # VPS13
Description  CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VPS13 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  VPS13 Datasheet HTML 1Page - Sanyo Semicon Device VPS13 Datasheet HTML 2Page - Sanyo Semicon Device VPS13 Datasheet HTML 3Page - Sanyo Semicon Device VPS13 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• High output voltage and wide bandwidth; optimal for
use in fH (horizontal deflection frequency) = 100 kHz
class monitors.
(f = 130 MHz –3 dB at VOUT = 40 Vp-p)
• SIP molded 15-pin package houses three amplifier
channels.
Package Dimensions
unit: mm
2127A
Wideband Output Module (Video Pack)
Ordering number : EN5548A
83097HA (OT)/03096HA (OT) No. 5548-1/4
[VPS13]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
CRT Display Video Output Amplifier,
High-Voltage/Wideband Amplifier
VPS13
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
90
V
VBB max
15
V
Allowable power dissipation
Pd max
With an ideal heat sink at Tc = 25°C
30
W
Maximum junction temperature
Tj max
150
°C
Maximum case temperature
Tc max
100
°C
Storage temperature
Tstg
–20 to +110
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
80
V
VBB
10
V
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Frequency band (–3 dB)
fc
VCC = 80 V, VBB = 10 V, CL = 10 pF
130
MHz
VIN (DC) = 3.2 V, VOUT (p-p) = 40 V
Impulse response
tr
VCC = 80 V, VBB = 10 V, CL = 10 pF
3.5
ns
tf
VIN (DC) = 3.2 V, VOUT (p-p) = 40 V
2.9
ns
Voltage gain
VG (DC)
13
15
17
double
ICC(1)
VCC = 80 V, VBB = 10 V, VIN (DC) = 2.9 V,
47
mA
Current drain
f = 10 MHz clock, CL = 10 pF, VOUT (p-p) = 40 V
ICC(2)
VCC = 80 V, VBB = 10 V, VIN (DC) = 2.9 V,
85
mA
f = 130 MHz clock, CL = 10 pF, VOUT (p-p) = 40 V
Electrical Characteristics at Ta = 25°C (for a single channel)


Similar Part No. - VPS13

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VPS10 SANYO-VPS10 Datasheet
104Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPS10 SANYO-VPS10 Datasheet
234Kb / 2P
HYBRID INTERGRATED CIRCUITS/WITH FBET/LSBT PROCESSS CHIPS/WIDE BANDWIDTH VIDEO OUTPUT ICS
VPS10 SANYO-VPS10 Datasheet
350Kb / 2P
Hybrid intergrated circuits/with FBET/LSBT process chips/Wide bandwidth video output ICs
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
VPS10-13000 TRIAD-VPS10-13000_13 Datasheet
161Kb / 1P
QUICK-CONNECT WORLD SERIES
More results

Similar Description - VPS13

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VP301 SANYO-VP301 Datasheet
103Kb / 6P
Ultrahigh Resolution CRT Display Video Output Amplifier
VP453 SANYO-VP453 Datasheet
90Kb / 5P
CRT Display Video Output Amplifier
VP503 SANYO-VP503 Datasheet
236Kb / 11P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VP513 SANYO-VP513 Datasheet
165Kb / 8P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VP553 SANYO-VP553 Datasheet
92Kb / 5P
CRT Display Video Output Amplifier
VP603 SANYO-VP603 Datasheet
144Kb / 8P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPA12 SANYO-VPA12 Datasheet
72Kb / 3P
High-Precision CRT Display Video Output Amplifier
VPS10 SANYO-VPS10 Datasheet
104Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPS12 SANYO-VPS12 Datasheet
89Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplifier
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com