Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPS13 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # VPS13
Description  CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VPS13 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  VPS13 Datasheet HTML 1Page - Sanyo Semicon Device VPS13 Datasheet HTML 2Page - Sanyo Semicon Device VPS13 Datasheet HTML 3Page - Sanyo Semicon Device VPS13 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal Design
Since the VPS13 includes three channels as shown in the circuit diagram on page 2, we first consider a single channel.
The chip temperature of each transistor under actual operating conditions is determined using the following formula.
Tj = (Tri) =
θj-c (Tri) × Pc (Tri) + ∆Tc + Ta (°C).......................(1)
θj-c (Tri) : Thermal resistance of an individual transistor
Pc(Tri)
: Collector loss for an individual transistor
∆Tc
: Case temperature rise
Ta
: Ambient temperature
The
θj-c (Tri) for each chip is: θj-c (Tr1) = 35°C/W
θj-c (Tr2) to (Tr4) = 30°C/W.......................................................(2)
Although the loss for each transistor in a video pack varies with frequency and is not uniform, if we assume the
maximum operating frequency, f = 130 MHz (clock), then the chip with the largest loss will be transistor 3 (Tr3) of the
emitter-follower stage. From the Pd-f (clock) figure we see that loss will be 22% of the total loss for a single channel:
Pc (emitter-follower stage)(f = 130 MHz) = Pd (1ch) (f = 130 MHz) × 0.22 [W]
(3)
Here, we must select a heat sink with a capacity
θh such that the Tj of these transistors does not exceed 150°C. Equation
(4) below gives the relationship between
θh and ∆Tc.
∆Tc = Pd (Total) ×
θh..................................................................(4)
The required
θh is calculated using this equation and equation (1).
No. 5548-3/4
VPS13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com