Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6643 Datasheet (PDF) - Analog Devices

AD6643 Datasheet PDF - Analog Devices
Part # AD6643
Download  AD6643 Download
File Size   1349.52 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference

AD6643 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6643 Datasheet PDF - Analog Devices

Part # AD6643
Download  AD6643 Click to download

File Size   1349.52 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference

AD6643 Datasheet (HTML) - Analog Devices


AD6643 Product details

GENERAL DESCRIPTION
The AD6643 is an 11-bit, 200 MSPS/250 MSPS, dual-channel intermediate frequency (IF) receiver specifically designed to support multi-antenna systems in telecommunication applications where high dynamic range performance, low power, and small size are desired.
The device consists of two high performance analog-to-digital converters (ADCs) and noise shaping requantizer (NSR) digital blocks. Each ADC consists of a multistage, differential pipelined architecture with integrated output error correction logic, and each ADC features a wide bandwidth switched capacitor sampling network within the first stage of the differential pipeline. An integrated voltage reference eases design considerations. A duty cycle stabilizer (DCS) compensates for variations in the ADC clock duty cycle, allowing the converters to maintain excellent performance.

FEATURES
   11-bit, 250 MSPS output data rate per channel
   Performance with NSR enabled
      SNR: 74.5 dBFS in a 55 MHz band to 90 MHz at 250 MSPS
      SNR: 72.0 dBFS in a 82 MHz band to 90 MHz at 250 MSPS
   Performance with NSR disabled
      SNR: 66.2 dBFS up to 90 MHz at 250 MSPS
      SFDR: 85 dBc up to 185 MHz at 250 MSPS
   Total power consumption: 706 mW at 200 MSPS
   1.8 V supply voltages
   LVDS (ANSI-644 levels) outputs
   Integer 1-to-8 input clock divider (625 MHz maximum input)
   Internal ADC voltage reference
   Flexible analog input range
      1.4 V p-p to 2.0 V p-p (1.75 V p-p nominal)
   Differential analog inputs with 400 MHz bandwidth
   95 dB channel isolation/crosstalk
   Serial port control
   Energy saving power-down modes

APPLICATIONS
   Communications
   Diversity radio and smart antenna (MIMO) systems
   Multimode digital receivers (3G)
      WCDMA, LTE, CDMA2000
      WiMAX, TD-SCDMA
   I/Q demodulation systems
   General-purpose software radios




Similar Part No. - AD6643

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD6643-250EBZ AD-AD6643-250EBZ Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
More results


Similar Description - AD6643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
1.8 V Low-Voltage Narrowband FM-IF System
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
Low IF Receiver Reference Design
logo
Analog Devices
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
Dual IF Receiver
REV. C
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com