Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8283 Datasheet (PDF) - Analog Devices

AD8283 Datasheet PDF - Analog Devices
Part # AD8283
Download  AD8283 Download
File Size   578.36 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC

AD8283 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8283 Datasheet PDF - Analog Devices

Part # AD8283
Download  AD8283 Click to download

File Size   578.36 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC

AD8283 Datasheet (HTML) - Analog Devices


AD8283 Product details

GENERAL DESCRIPTION

The AD8283 is designed for low cost, low power, compact size, flexibility, and ease of use. It contains six channels of a low noise preamplifier (LNA) with a programmable gain amplifier (PGA)

and an antialiasing filter (AAF) plus one direct-to-ADC channel, all integrated with a single 12-bit analog-to-digital converter (ADC).



FEATURES

6 channels of LNA, PGA, AAF

1 channel of direct-to-ADC

Programmable gain amplifier (PGA)

Includes low noise preamplifier (LNA)

SPI-programmable gain = 16 dB to 34 dB in 6 dB steps

Antialiasing filter (AAF)

Programmable third-order low-pass elliptic filter (LPF) from 1 MHz to 12 MHz

Analog-to-digital converter (ADC)

12 bits of accuracy up to 80 MSPS

SNR = 67 dB

SFDR = 68 dB

Low power, 170 mW per channel at 12 bits/80 MSPS

Low noise, 3.5 nV/√Hz maximum of input referred voltage noise

Power-down mode

72-lead, 10 mm × 10 mm, LFCSP package

Specified from −40°C to +105°C

Qualified for automotive applications



APPLICATIONS

Automotive radar

Adaptive cruise control

Collision avoidance

Blind spot detection

Self-parking

Electronic bumper




Similar Part No. - AD8283

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8283 AD-AD8283 Datasheet
646Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
8/15-Rev. B to Rev. C
AD8283CP-EBZ AD-AD8283CP-EBZ Datasheet
596Kb / 27P
6-Channel LNA/PGA/AAF with ADC
REV. C
AD8283CP-EBZ AD-AD8283CP-EBZ Datasheet
646Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
8/15-Rev. B to Rev. C
AD8283WBCPZ AD-AD8283WBCPZ Datasheet
596Kb / 27P
6-Channel LNA/PGA/AAF with ADC
REV. C
AD8283WBCPZ AD-AD8283WBCPZ Datasheet
646Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
8/15-Rev. B to Rev. C
More results


Similar Description - AD8283

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9272 AD-AD9272 Datasheet
71Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD8283 AD-AD8283_15 Datasheet
596Kb / 27P
6-Channel LNA/PGA/AAF with ADC
REV. C
AD8284 AD-AD8284 Datasheet
632Kb / 28P
Radar Receive Path AFE - 4-Channel Mux
REV. D
AD8285 AD-AD8285 Datasheet
508Kb / 27P
Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
REV. B
ADA8282 AD-ADA8282 Datasheet
511Kb / 21P
Radar Receive Path AFE - 4-Channel LNA and PGA
REV. 0
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
8/15-Rev. B to Rev. C
AD8284 AD-AD8284_17 Datasheet
670Kb / 29P
Radar Receive Path AFE: 4-Channel Mux
23-Feb-2017
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
23-Feb-2017
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
23-Feb-2017
AD9273 AD-AD9273 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com