Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP194 Datasheet (PDF) - Analog Devices

ADP194 Datasheet PDF - Analog Devices
Part # ADP194
Download  ADP194 Download
File Size   416.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V

ADP194 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP194 Datasheet PDF - Analog Devices

Part # ADP194
Download  ADP194 Click to download

File Size   416.9 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V

ADP194 Datasheet (HTML) - Analog Devices


ADP194 Product details

GENERAL DESCRIPTION
The ADP194 is a high-side load switch designed for operation from 1.1 V to 3.6 V and is protected against reverse current flow from output to input. This load switch provides power domain isolation for extended power battery life. The device contains a low on-resistance P-channel MOSFET that supports more than 500 mA of continuous load current and minimizes power loss.

FEATURES
    Low RDSON of 80 mΩ at 1.8 V
    Low input voltage range: 1.1 V to 3.6 V
    500 mA continuous operating current
    Built-in level shift for control logic that can be operated by 1.2 V logic
    Low 2 μA (maximum) ground current
    Ultralow shutdown current <0.7 μA
    Reverse current blocking
    Ultrasmall 0.8 mm × 0.8 mm × 0.5mm, 4-ball, 0.4 mm pitch WLCSP

APPLICATIONS 
    Mobile phones
    Digital cameras and audio devices
    Portable and battery-powered equipment




Similar Part No. - ADP194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP190 AD-ADP190 Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
ADP190ACBZ-R7 AD-ADP190ACBZ-R7 Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
ADP190CB-EVALZ AD-ADP190CB-EVALZ Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
ADP191ACBZ-R7 AD-ADP191ACBZ-R7 Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
ADP191CB-EVALZ AD-ADP191CB-EVALZ Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
More results


Similar Description - ADP194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 2-4 November 2011
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX3P2902B PHILIPS-NX3P2902B_15 Datasheet
417Kb / 15P
Logic controlled high-side power switch
Rev. 1-29 April 2013
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com