Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP194 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP194
Description  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP194 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP194 Datasheet HTML 4Page - Analog Devices ADP194 Datasheet HTML 5Page - Analog Devices ADP194 Datasheet HTML 6Page - Analog Devices ADP194 Datasheet HTML 7Page - Analog Devices ADP194 Datasheet HTML 8Page - Analog Devices ADP194 Datasheet HTML 9Page - Analog Devices ADP194 Datasheet HTML 10Page - Analog Devices ADP194 Datasheet HTML 11Page - Analog Devices ADP194 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADP194
Rev. 0 | Page 9 of 12
APPLICATIONS INFORMATION
GROUND CURRENT
The major source for ground current in the ADP194 is the 4 MΩ
pull-down resistor on the enable (EN) pin. Figure 16 shows
typical ground current when VEN = VIN and VIN varies from
1.1 V to 3.6 V.
0
1
2
3
4
5
6
7
10
100
1000
ILOAD (mA)
VIN = 1.1V
VIN = 1.5V
VIN = 1.8V
VIN = 2.1V
VIN = 2.4V
VIN = 2.7V
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
VIN = 1.3V
Figure 16. Ground Current vs. Load Current, Different Input Voltages
As shown in Figure 17, an increase in ground current can occur
when VEN ≠ VIN. This is caused by the CMOS logic nature of the
level shift circuitry as it translates an EN signal ≥ 1.1 V to
a logic high. This increase is a function of the VIN − VEN delta.
14
12
10
8
6
4
2
0
3.5
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7
3.3
3.1
2.9
VEN (V)
VOUT = 1.8V
VOUT = 3.6V
Figure 17. Typical Ground Current when VEN ≠ VIN
ENABLE FEATURE
The ADP194 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 18,
when a rising voltage on EN crosses the active threshold, VOUT
turns on. When a falling voltage on EN crosses the inactive
threshold, VOUT turns off.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.2
0
0.4 0.5 0.6 0.7
0.1 0.2 0.3
0.8 0.9 1.0 1.1
VEN (V)
Figure 18. Typical EN Operation, VIN = 1.8 V
The EN input has built-in hysteresis, as shown in Figure 18.
The hysteresis prevents on/off oscillations that can occur due to
noise on the EN pin as VEN passes through the threshold points.
The EN input active/inactive thresholds derive from the VIN
voltage; therefore, these thresholds vary with changing input
voltage. Figure 19 shows typical EN active/inactive thresholds
when the input voltage varies from 1.1 V to 3.6 V.
1.15
1.05
0.95
0.85
0.75
0.65
0.55
0.45
0.35
VIN (V)
EN ACTIVE
EN INACTIVE
Figure 19. Typical EN Pin Thresholds vs. Input Voltage, VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com