Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP194 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP194
Description  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP194 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP194 Datasheet HTML 4Page - Analog Devices ADP194 Datasheet HTML 5Page - Analog Devices ADP194 Datasheet HTML 6Page - Analog Devices ADP194 Datasheet HTML 7Page - Analog Devices ADP194 Datasheet HTML 8Page - Analog Devices ADP194 Datasheet HTML 9Page - Analog Devices ADP194 Datasheet HTML 10Page - Analog Devices ADP194 Datasheet HTML 11Page - Analog Devices ADP194 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADP194
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
0.800
0.740 SQ
0.720
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
A
1
2
B
BALL A1
IDENTIFIER
0.40
REF
0.560
0.500
0.440
END VIEW
0.300
0.260
0.220
0.330
0.300
0.270
SEATING
PLANE
0.230
0.200
0.170
COPLANARITY
0.03
Figure 26. 4-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-4-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADP194ACBZ-R7
−40°C to +85°C
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-5
76
ADP194CB-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08629-0-5/11(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com