Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP190 Datasheet (PDF) - Analog Devices

ADP190 Datasheet PDF - Analog Devices
Part # ADP190
Download  ADP190 Download
File Size   642.3 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Logic Controlled, High-Side Power Switches

ADP190 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP190 Datasheet PDF - Analog Devices

Part # ADP190
Download  ADP190 Click to download

File Size   642.3 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Logic Controlled, High-Side Power Switches

ADP190 Datasheet (HTML) - Analog Devices


ADP190 Product details

GENERAL DESCRIPTION
The ADP190/ADP191 are high-side load switches designed for operation from 1.1 V to 3.6 V. These load switchs provide power domain isolation for extended power battery life. The devices contain a low on-resistance P-channel MOSFET that supports more than 500 mA of continuous current and minimizes power loss. The low 2 μA (maximum) of ground current and ultralow shutdown current make the ADP190/ADP191 ideal for batteryoperated portable equipment. The built-in level shifter for enable logic makes the ADP190/ADP191 compatible with modern processors and GPIO controllers.

FEATURES
    Low RDSON of 105 mΩ at 1.8 V
    Internal output discharge resistor (ADP191)
    Turn-on slew rate limiting (ADP191)
    Low input voltage range: 1.1 V to 3.6 V
    500 mA continuous operating current
    Built-in level shift for control logic that can be operated by 1.2 V logic
    Low 2 μA (maximum) ground current
    Ultralow shutdown current: <1 μA
    Ultrasmall 0.8 mm × 0.8 mm, 4-ball, 0.4 mm pitch WLCSP

APPLICATIONS
    Mobile phones
    Digital cameras and audio devices
    Portable and battery-powered equipment




Similar Part No. - ADP190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP194 AD-ADP194 Datasheet
416Kb / 12P
Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
REV. 0
ADP194ACBZ-R7 AD-ADP194ACBZ-R7 Datasheet
416Kb / 12P
Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
REV. 0
ADP194CB-EVALZ AD-ADP194CB-EVALZ Datasheet
416Kb / 12P
Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
REV. 0
ADP195 AD-ADP195 Datasheet
256Kb / 12P
Logic Controlled, High-Side Power Switch with Reverse Current Blocking
REV. 0
ADP195 AD-ADP195 Datasheet
261Kb / 6P
Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
More results


Similar Description - ADP190

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P190 NXP-NX3P190 Datasheet
993Kb / 14P
Logic controlled high-side power switch
Rev. 2-4 November 2011
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
NX5P2925C PHILIPS-NX5P2925C Datasheet
339Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
NX5P2924 PHILIPS-NX5P2924_15 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1-24 February 2014
NX3P1107 PHILIPS-NX3P1107_15 Datasheet
294Kb / 16P
Logic controlled high-side power switch
Rev. 1-9 January 2013
NX3P1108 NXP-NX3P1108 Datasheet
352Kb / 16P
Logic controlled high-side power switch
Rev. 2 ??20 June 2018
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com