Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP190 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP190
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP190 Datasheet(HTML) 2 Page - Analog Devices

  ADP190 Datasheet HTML 1Page - Analog Devices ADP190 Datasheet HTML 2Page - Analog Devices ADP190 Datasheet HTML 3Page - Analog Devices ADP190 Datasheet HTML 4Page - Analog Devices ADP190 Datasheet HTML 5Page - Analog Devices ADP190 Datasheet HTML 6Page - Analog Devices ADP190 Datasheet HTML 7Page - Analog Devices ADP190 Datasheet HTML 8Page - Analog Devices ADP190 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP190/ADP191
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Applications Circuit............................................................ 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Diagram ........................................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions..............................6
Typical Performance Characteristics ..............................................7
Theory of Operation .........................................................................9
Applications Information .............................................................. 10
Ground Current.......................................................................... 10
Enable Feature ............................................................................ 10
Timing ......................................................................................... 10
Thermal Considerations............................................................ 12
PCB Layout Considerations...................................................... 14
Outline Dimensions ....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
11/10—Rev. C to Rev. D
Changed 4 mΩ to 4 MΩ in Theory of Operation Section .......... 9
3/10—Rev. B to Rev. C
Change to Low Input Voltage Range Value................ Throughout
1/10—Rev. A to Rev. B
Added ADP191 .............................................................. Throughout
Changes to Table 1............................................................................ 3
Changes to Table 3............................................................................ 5
Changes to Ordering Guide .......................................................... 15
9/09—Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 13
1/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com