Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP190 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP190
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP190 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP190 Datasheet HTML 8Page - Analog Devices ADP190 Datasheet HTML 9Page - Analog Devices ADP190 Datasheet HTML 10Page - Analog Devices ADP190 Datasheet HTML 11Page - Analog Devices ADP190 Datasheet HTML 12Page - Analog Devices ADP190 Datasheet HTML 13Page - Analog Devices ADP190 Datasheet HTML 14Page - Analog Devices ADP190 Datasheet HTML 15Page - Analog Devices ADP190 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP190/ADP191
Rev. D | Page 13 of 16
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
LOAD CURRENT = 1mA
LOAD CURRENT = 10mA
LOAD CURRENT = 25mA
LOAD CURRENT = 50mA
LOAD CURRENT = 75mA
MAX JUNCTION TEMPERATURE
LOAD CURRENT = 100mA
LOAD CURRENT = 150mA
Figure 30. 500 mm2 of PCB Copper, TA = 25°C
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
LOAD CURRENT = 1mA
LOAD CURRENT = 10mA
LOAD CURRENT = 25mA
LOAD CURRENT = 50mA
LOAD CURRENT = 75mA
MAX JUNCTION TEMPERATURE
LOAD CURRENT = 100mA
LOAD CURRENT = 150mA
Figure 31. 100 mm2 of PCB Copper, TA = 25°C
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
MAX JUNCTION
TEMPERATURE
LOAD CURRENT = 1mA
LOAD CURRENT =
10mA
LOAD CURRENT = 25mA
LOAD CURRENT = 50mA
LOAD CURRENT = 75mA
LOAD CURRENT = 100mA
LOAD CURRENT = 150mA
Figure 32. 0 mm2 of PCB Copper, TA = 25°C
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
LOAD CURRENT = 1mA
LOAD CURRENT = 10mA
LOAD CURRENT = 25mA
LOAD CURRENT = 50mA
LOAD CURRENT = 75mA
LOAD CURRENT = 100mA
LOAD CURRENT = 150mA
MAX JUNCTION TEMPERATURE
Figure 33. 500 mm2 of PCB Copper, TA = 50°C
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
LOAD CURRENT = 1mA
LOAD CURRENT = 10mA
LOAD CURRENT = 25mA
LOAD CURRENT = 50mA
LOAD CURRENT = 75mA
LOAD CURRENT = 100mA
LOAD CURRENT = 150mA
MAX JUNCTION TEMPERATURE
Figure 34. 100 mm2 of PCB Copper, TA = 50°C
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
LOAD CURRENT = 1mA
LOAD CURRENT = 10mA
LOAD CURRENT = 25mA
LOAD CURRENT = 50mA
LOAD CURRENT = 75mA
LOAD CURRENT = 100mA
LOAD CURRENT = 150mA
MAX JUNCTION
TEMPERATURE
Figure 35. 0 mm2 of PCB Copper, TA = 50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com