Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP190 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP190
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP190 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP190 Datasheet HTML 8Page - Analog Devices ADP190 Datasheet HTML 9Page - Analog Devices ADP190 Datasheet HTML 10Page - Analog Devices ADP190 Datasheet HTML 11Page - Analog Devices ADP190 Datasheet HTML 12Page - Analog Devices ADP190 Datasheet HTML 13Page - Analog Devices ADP190 Datasheet HTML 14Page - Analog Devices ADP190 Datasheet HTML 15Page - Analog Devices ADP190 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP190/ADP191
Rev. D | Page 12 of 16
The turn-off time is defined as the delta between the time from
90% to 10% of VOUT reaching its final value. It is also dependent
on the RC time constant.
The ADP191 incorporates an internal output discharge resistor
to discharge the output capacitance when the ADP191 output is
disabled. See Figure 28 and Figure 29 for a comparison of turn-
off times.
2
CH1 1V
CH2 500mV
M10µs
A CH1
1V
T
30.36µs
1
T
VOUT = 1.8V
VEN = 3.6V
ILOAD = 200mA,
CLOAD = 1µF
ILOAD = 100mA,
CLOAD = 1µF
ILOAD = 100mA,
CLOAD = 4.7µF
VEN
Figure 28. ADP190 Typical Turn-Off Time, Various Load Currents
3
CH1 2.00V
CH3 500mV
M200µs
A CH1
600mV
T 10.20%
1
VEN
VOUT
T
Figure 29. ADP191 Typical Turn-Off Time, Load Current = 0 mA
THERMAL CONSIDERATIONS
In most applications, the ADP190/ADP191 do not dissipate
much heat due to their low on-channel resistance. However, in
applications with high ambient temperature and load current,
the heat dissipated in the package can be large enough to cause
the junction temperature of the die to exceed the maximum
junction temperature of 125°C.
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to the power dissipation, as shown in Equation 1.
To guarantee reliable operation, the junction temperature of
the ADP190/ADP191must not exceed 125°C. To ensure that the
junction temperature stays below this maximum value, the user
must be aware of the parameters that contribute to junction
temperature changes. These parameters include ambient temper-
ature, power dissipation in the power device, and thermal
resistances between the junction and ambient air (θJA). The θJA
value is dependent on the package assembly compounds that
are used and the amount of copper used to solder the package
GND pin to the PCB. Table 6 shows typical θJA values of the 4-ball
WLCSP for various PCB copper sizes. Table 7 shows the typical
ΨJB value of the 4-ball WLCSP.
Table 6. Typical θJA Values for WLCSP
Copper Size (mm2)
θJA (°C/W)
01
260
50
159
100
157
300
153
500
151
1 Device soldered to minimum size pin traces.
Table 7. Typical ΨJB Values
Package
ΨJB
Unit
4-Ball WLCSP
58.4
°C/W
The junction temperature of the ADP190/ADP191can be
calculated from the following equation:
TJ = TA + (PD × θJA)
(1)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
(2)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are the input and output voltages, respectively.
Power dissipation due to ground current is quite small and
can be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + {[(VIN − VOUT) × ILOAD] × θJA}
(3)
As shown in Equation 3, for a given ambient temperature, input-
to-output voltage differential, and continuous load current, there
exists a minimum copper size requirement for the PCB to ensure
that the junction temperature does not rise above 125°C. Figure 30
to Figure 35 show junction temperature calculations for different
ambient temperatures, load currents, VIN to VOUT differentials,
and areas of PCB copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com