Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF081301F Datasheet (PDF) - Infineon Technologies AG

PTF081301F Datasheet PDF - Infineon Technologies AG
Part # PTF081301F
Download  PTF081301F Download
File Size   289.44 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Thermally-Enhanced High Power RF LDMOS FETs 130 W, 869 - 960 MHz

PTF081301F Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF081301F Datasheet PDF - Infineon Technologies AG

Part # PTF081301F
Download  PTF081301F Click to download

File Size   289.44 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Thermally-Enhanced High Power RF LDMOS FETs 130 W, 869 - 960 MHz

PTF081301F Datasheet (HTML) - Infineon Technologies AG


PTF081301F Product details

Description

The PTF081301E and PTF081301F are 130-watt, internally-matched GOLDMOS FETs intended for EDGE and CDMA applications in the 869 to 960 MHz bands. Thermally-enhancedpackaging provides the coolest operation available. Full gold metallization ensures excellent device lifetime and reliability.



Features

• Thermally-enhanced packages

• Broadband internal matching

• Typical EDGE performance

- Average output power = 65 W

- Gain = 18 dB

- Efficiency = 40%

• Typical CW performance

- Output power at P–1dB = 150 W

- Gain = 17 dB

- Efficiency = 55%

• Integrated ESD protection: Human Body Model, Class 1 (minimum)

• Excellent thermal stability

• Low HCI drift

• Capable of handling 10:1 VSWR @ 28 V, 130 W (CW) output power



 




Similar Part No. - PTF081301F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PTF08 OMRON-PTF08 Datasheet
300Kb / 13P
General Purpose Relay
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
PTF080101S INFINEON-PTF080101S Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
More results


Similar Description - PTF081301F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA092211EL INFINEON-PTFA092211EL Datasheet
424Kb / 10P
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27
PTFA082201E INFINEON-PTFA082201E_09 Datasheet
352Kb / 10P
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 869 ??894 MHz
Rev. 04.1, 2009-02-20
PTFA091201GL INFINEON-PTFA091201GL Datasheet
288Kb / 10P
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 02, 2008-08-27
PTFA091201E INFINEON-PTFA091201E Datasheet
272Kb / 10P
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 03, 2007-11-19
PTFA080551E INFINEON-PTFA080551E Datasheet
233Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 55 W, 869 ??960 MHz
Rev. 03, 2008-10-22
PTFA092201E INFINEON-PTFA092201E Datasheet
379Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20
PTFA091201GL INFINEON-PTFA091201GL_09 Datasheet
391Kb / 10P
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31
PTFA091203EL INFINEON-PTFA091203EL Datasheet
620Kb / 10P
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 05, 2010-11-12
PTFA241301E INFINEON-PTFA241301E Datasheet
248Kb / 12P
Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420-2480 MHz
Rev. 05, 2007-05-11
PTFA241301FV1 INFINEON-PTFA241301FV1 Datasheet
248Kb / 12P
Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420 ??2480 MHz
Rev. 05, 2007-05-11
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com