Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MMBT3904 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MMBT3904
Download  MMBT3904 Download
File Size   1277.4 Kbytes
Page   6 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 200 mA, 40 V NPN Plastic Encapsulated Transistor

MMBT3904 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3904 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MMBT3904
Download  MMBT3904 Click to download

File Size   1277.4 Kbytes
Page   6 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 200 mA, 40 V NPN Plastic Encapsulated Transistor

MMBT3904 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


MMBT3904 Product details

FEATURES
◆ Collector current capability IC=200mA
◆ Collector-emitter voltage VCEO=40V.

APPLICATION
◆ General switching and amplification.




Similar Part No. - MMBT3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904 ONSEMI-MMBT3904 Datasheet
296Kb / 12P
GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
NXP Semiconductors
MMBT3904 PHILIPS-MMBT3904 Datasheet
48Kb / 8P
NPN switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3904 ZOWIE-MMBT3904 Datasheet
121Kb / 6P
GENERAL PURPOSE TRANSISTOR NPN SILICON
More results


Similar Description - MMBT3904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3904M NXP-PMBT3904M Datasheet
91Kb / 11P
40 V, 200 mA NPN switching transistor
Rev. 01-21 July 2009
PMBT3904VS NXP-PMBT3904VS Datasheet
93Kb / 11P
40 V, 200 mA NPN/NPN switching transistor
Rev. 01-8 July 2009
logo
SeCoS Halbleitertechnol...
MMBT3906 SECOS-MMBT3906 Datasheet
1Mb / 5P
-200 mA, -40 V PNP Plastic Encapsulated Transistor
logo
NXP Semiconductors
PMSTA3904 NXP-PMSTA3904 Datasheet
80Kb / 12P
40 V, 200 mA NPN switching transistor
Rev. 01-21 April 2008
logo
Nexperia B.V. All right...
PMBT3904MB NEXPERIA-PMBT3904MB Datasheet
229Kb / 11P
40 V, 200 mA NPN switching transistor
MMBT3904-Q NEXPERIA-MMBT3904-Q Datasheet
213Kb / 10P
40 V, 200 mA NPN switching transistor
7 October 2022
PMBT3904-Q NEXPERIA-PMBT3904-Q Datasheet
216Kb / 10P
40 V, 200 mA NPN switching transistor
11 January 2023
PMBT3904M NEXPERIA-PMBT3904M Datasheet
241Kb / 11P
40 V, 200 mA NPN switching transistor
27 March 2023
PMBT3904QA NEXPERIA-PMBT3904QA Datasheet
238Kb / 13P
40 V, 200 mA NPN switching transistor
29 August 2018
PMBT3904VS NEXPERIA-PMBT3904VS Datasheet
231Kb / 10P
40 V, 200 mA NPN/NPN switching transistor
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com