Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MMBT3906 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MMBT3906
Download  MMBT3906 Download
File Size   1066.78 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -200 mA, -40 V PNP Plastic Encapsulated Transistor

MMBT3906 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3906 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MMBT3906
Download  MMBT3906 Click to download

File Size   1066.78 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -200 mA, -40 V PNP Plastic Encapsulated Transistor

MMBT3906 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


MMBT3906 Product details

FEATURES
♦ Collector current capability IC=-200mA
♦ Collector-emitter voltage VCEO=-40V.

APPLICATION
♦ General switching and amplification.




Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
PNP switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3906 STMICROELECTRONICS-MMBT3906 Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3906 TRSYS-MMBT3906 Datasheet
202Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT3906 FAIRCHILD-MMBT3906 Datasheet
49Kb / 6P
PNP General Purpose Amplifier
More results


Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3906M NXP-PMBT3906M Datasheet
92Kb / 11P
40 V, 200 mA PNP switching transistor
Rev. 01-22 July 2009
PMBT3906VS NXP-PMBT3906VS Datasheet
94Kb / 11P
40 V, 200 mA PNP/PNP switching transistor
Rev. 01-20 August 2009
PMST3906 NXP-PMST3906 Datasheet
84Kb / 10P
40 V, 200 mA PNP switching transistor
Rev. 05-29 April 2009
logo
SeCoS Halbleitertechnol...
MMBT3904 SECOS-MMBT3904 Datasheet
1Mb / 6P
200 mA, 40 V NPN Plastic Encapsulated Transistor
BCP772 SECOS-BCP772_11 Datasheet
230Kb / 2P
-3 A, -40 V PNP Plastic Encapsulated Transistor
logo
Nexperia B.V. All right...
PMBT3906MB NEXPERIA-PMBT3906MB Datasheet
254Kb / 11P
40 V, 200 mA PNP switching transistor
PMBT3906M NEXPERIA-PMBT3906M Datasheet
207Kb / 12P
40 V, 200 mA PNP switching transistor
Rev. 01 - 22 July 2009
PMST3906 NEXPERIA-PMST3906 Datasheet
199Kb / 11P
40 V, 200 mA PNP switching transistor
Rev. 05 - 29 April 2009
PMBT3906VS NEXPERIA-PMBT3906VS Datasheet
229Kb / 10P
40 V, 200 mA PNP/PNP switching transistor
28 December 2022
PMP3906AYS NEXPERIA-PMP3906AYS Datasheet
250Kb / 11P
40 V, 200 mA PNP/PNP matched double transistor
27 July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com