Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3906
Description  -200 mA, -40 V PNP Plastic Encapsulated Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3906 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3906 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3906 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT3906 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT3906 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT3906 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBT3906
-200 mA, -40 V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
30-Aug-2010 Rev. D
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Collector current capability IC=-200mA
Collector-emitter voltage VCEO=-40V.
APPLICATION
General switching and amplification.
PACKAGING DIMENSION
MARKING
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Emitter Voltage
VCEO
-40
Vdc
Collector - Base Voltage
VCBO
-40
Vdc
Emitter - Base Voltage
VEBO
-5.0
Vdc
Collector Current - Continuous
IC
-200
mAdc
Total Device Dissipation FR-5 Board
(1), TA=25°C
PD
225
mW
Total Device Dissipation FR-5 Board, Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C / W
Total Device Dissipation Alumina Substrate
(2), TA=25°C
PD
300
mW
Total Device Dissipation Alumina Substrate, Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambien
RθJA
417
°C / W
Junction, Storage Temperature
TJ, TSTG
-55 ~ +150
°C
SOT-23
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.00
G
0.10 REF.
B
2.25
2.55
H
0.55 REF.
C
1.20
1.40
J
0.08
0.15
D
0.90
1.15
K
0.5 REF.
E
1.80
2.00
L
0.95 TYP.
F
0.30
0.50


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
PNP switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3906 STMICROELECTRONICS-MMBT3906 Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3906 TRSYS-MMBT3906 Datasheet
202Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT3906 FAIRCHILD-MMBT3906 Datasheet
49Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3906M NXP-PMBT3906M Datasheet
92Kb / 11P
40 V, 200 mA PNP switching transistor
Rev. 01-22 July 2009
PMBT3906VS NXP-PMBT3906VS Datasheet
94Kb / 11P
40 V, 200 mA PNP/PNP switching transistor
Rev. 01-20 August 2009
PMST3906 NXP-PMST3906 Datasheet
84Kb / 10P
40 V, 200 mA PNP switching transistor
Rev. 05-29 April 2009
logo
SeCoS Halbleitertechnol...
MMBT3904 SECOS-MMBT3904 Datasheet
1Mb / 6P
200 mA, 40 V NPN Plastic Encapsulated Transistor
BCP772 SECOS-BCP772_11 Datasheet
230Kb / 2P
-3 A, -40 V PNP Plastic Encapsulated Transistor
logo
Nexperia B.V. All right...
PMBT3906MB NEXPERIA-PMBT3906MB Datasheet
254Kb / 11P
40 V, 200 mA PNP switching transistor
PMBT3906M NEXPERIA-PMBT3906M Datasheet
207Kb / 12P
40 V, 200 mA PNP switching transistor
Rev. 01 - 22 July 2009
PMST3906 NEXPERIA-PMST3906 Datasheet
199Kb / 11P
40 V, 200 mA PNP switching transistor
Rev. 05 - 29 April 2009
PMBT3906VS NEXPERIA-PMBT3906VS Datasheet
229Kb / 10P
40 V, 200 mA PNP/PNP switching transistor
28 December 2022
PMP3906AYS NEXPERIA-PMP3906AYS Datasheet
250Kb / 11P
40 V, 200 mA PNP/PNP matched double transistor
27 July 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com