Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1959-GR Datasheet (PDF) - Micro Commercial Components

2SC1959-GR Datasheet PDF - Micro Commercial Components
Part # 2SC1959-GR
Download  2SC1959-GR Download
File Size   277.19 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Power Silicon NPN Transistor

2SC1959-GR Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1959-GR Datasheet PDF - Micro Commercial Components

Part # 2SC1959-GR
Download  2SC1959-GR Click to download

File Size   277.19 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Power Silicon NPN Transistor

2SC1959-GR Datasheet (HTML) - Micro Commercial Components


2SC1959-GR Product details

Features
• Audio frequency low power amplifier applications, driver stage
   amplifier applications, switching applications
• Excellent hFE Linearity: hFE(2) =25(Min.) : VCE=6.0V, IC=400mA
• 1 Watt Amplifier applications
• Complementary to 2SA562TM.
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking: C1959
• Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS
   Compliant. See ordering information)
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - 2SC1959-GR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC1959-GR MCC-2SC1959-GR Datasheet
363Kb / 3P
Power Silicon NPN Transistor
More results


Similar Description - 2SC1959-GR

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com