Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16TW Datasheet (PDF) - Micro Commercial Components

BAS16TW Datasheet PDF - Micro Commercial Components
Part # BAS16TW
Download  BAS16TW Download
File Size   178.35 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Switching Diode

BAS16TW Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16TW Datasheet PDF - Micro Commercial Components

Part # BAS16TW
Download  BAS16TW Click to download

File Size   178.35 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Switching Diode

BAS16TW Datasheet (HTML) - Micro Commercial Components


BAS16TW Product details

Features
 • Power dissipation: 200mW (Tamb=25°C)
 • Forwardcurrent:150mA
 • Epoxy meets UL 94 V-0 flammability rating
 • Moisture Sensitivity Level 1
 • Halogen free available upon request by adding suffix "-HF"
 • Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS Compliant. See ordering information)




Similar Part No. - BAS16TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16TW DIODES-BAS16TW Datasheet
55Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30154 Rev. C-1
BAS16TW DIODES-BAS16TW Datasheet
354Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30154 Rev. 9 - 2
logo
Pan Jit International I...
BAS16TW PANJIT-BAS16TW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW Datasheet
566Kb / 2P
Multi-Chip Switching Diode Array
BAS16TW SECOS-BAS16TW Datasheet
488Kb / 2P
Surface Mount Switching Diode Array
More results


Similar Description - BAS16TW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16WT MCC-BAS16WT Datasheet
111Kb / 1P
200mW Switching Diode
BAS19WT MCC-BAS19WT Datasheet
341Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT Datasheet
345Kb / 2P
200mW Switching Diode
BAW56WT MCC-BAW56WT Datasheet
378Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_11 Datasheet
156Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_11 Datasheet
157Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_11 Datasheet
210Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_13 Datasheet
191Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_13 Datasheet
231Kb / 2P
200mW Switching Diode
BAV70WT_1309 MCC-BAV70WT_1309 Datasheet
234Kb / 2P
200mW Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com